Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC274CPWRG4 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274CPWRG4
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274CPWRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC274CPWRG4 Datasheet HTML 17Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 18Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 19Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 20Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 21Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 22Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 23Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 24Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
−5
0
VIO − Input Offset Voltage − mV
5
60
−4
−3
−2
−1
0
1
2
34
10
20
30
40
50
TA= 25°C
N Package
DISTRIBUTION OF TLC274
INPUT OFFSET VOLTAGE
753 Amplifiers Tested From 6 Wafer Lots
VDD = 5 V
Figure 7
50
40
30
20
10
4
3
2
1
0
−1
−2
−3
−4
60
5
VIO − Input Offset Voltage − mV
0
−5
N Package
TA = 25°C
VDD = 10 V
DISTRIBUTION OF TLC274
INPUT OFFSET VOLTAGE
753 Amplifiers Tested From 6 Wafer Lots
Figure 8
50
40
30
20
10
8
6
4
2
0
−2
−4
−6
−8
60
10
αVIO − Temperature Coefficient − µV/°C
0
−10
N Package
TA = 25°C to 125°C
324 Amplifiers Tested From 8 Wafer Lots
Outliers:
(1) 20.5 V/
°C
DISTRIBUTION OF TLC274 AND TLC279
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
VDD = 5 V
Figure 9
−10
0
αVIO − Temperature Coefficient − µV/°C
10
60
−8
−6
−4
−2
0
2
4
6
8
10
20
30
40
50
Outliers:
TA = 25°C to 125°C
N Package
(1) 21.2 V/C
DISTRIBUTION OF TLC274 AND TLC279
INPUT OFFSET VOLTAGE
TEMPERATURE COEFFICIENT
324 Amplifiers Tested From 8 Wafer Lots
VDD = 10 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com