Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC274CPWRG4 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274CPWRG4
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274CPWRG4 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC274CPWRG4 Datasheet HTML 19Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 20Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 21Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 22Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 23Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 24Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 25Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 26Page - Texas Instruments TLC274CPWRG4 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 14
0
300
VIC − Common-Mode Input Voltage − V
4
700
1
2
3
400
500
600
TA = 25°C
IOL = 5 mA
VDD = 5 V
VID = − 100 mV
VID = − 1 V
LOW-LEVEL OUTPUT VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
650
350
450
550
Figure 15
250
0
VIC − Common-Mode Input Voltage − V
300
350
400
450
500
24
6
8
10
VDD = 10 V
IOL = 5 mA
TA = 25°C
VID = − 1 V
VID = − 2.5 V
VID = − 100 mV
LOW-LEVEL OUTPUT VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
13
5
7
9
Figure 16
LOW-LEVEL OUTPUT VOLTAGE
vs
DIFFERENTIAL INPUT VOLTAGE
0
VID − Differential Input Voltage − V
−10
−2
−4
−6
−8
800
700
600
500
400
300
200
100
0
VDD = 5 V
VDD = 10 V
IOL = 5 mA
VIC = |VID/2|
TA = 25°C
−9
−1
−3
−5
−7
Figure 17
LOW-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
−75
0
125
900
−50
−25
0
25
50
75
100
100
200
300
400
500
600
700
800
VIC = 0.5 V
VID = − 1 V
IOL = 5 mA
VDD = 5 V
VDD = 10 V
TA − Free-Air Temperature − °C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com