Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH200W03TV1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH200W03TV1
Description  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH200W03TV1 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH200W03TV1 Datasheet HTML 1Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 2Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 3Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 4Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 5Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 6Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 7Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 8Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
October 2012
Doc ID 023614 Rev 1
1/9
9
STTH200W03TV1
Turbo 2 ultrafast high voltage rectifier
Datasheet
production data
Features
■ Ultrafast switching
■ Low reverse recovery current
■ Low thermal resistance
■ Reduces switching and conduction losses
■ Insulated package
– Insulating voltage = 2500 V rms
– Capacitance = 45 pF
■ Complies with UL standards (File ref: E81734)
Description
The STTH200W03TV1, which uses ST Turbo 2,
300 V technology, is especially suited to be used
for DC/AC and DC/AC converters in primary
stage of MIG/MMA/TIG welding machine.
Packaged in ISOTOP, this device offers high
power integration for all welding machines and
industrial equipment.
Table 1.
Device summary
Symbol
Value
IF(AV)
2 x 100 A
VRRM
300 V
Tj (max)
150 °C
VF (typ)
0.95 V
trr (typ)
40 ns
K2
K1
A2
A1
A1
A2
K1
K2
ISOTOP
STTH200W03TV1
www.st.com


Similar Part No. - STTH200W03TV1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH200W04TV1 STMICROELECTRONICS-STTH200W04TV1 Datasheet
140Kb / 8P
Turbo 2 ultrafast high voltage rectifier
02-Oct-2012
STTH200W06TV1 STMICROELECTRONICS-STTH200W06TV1 Datasheet
95Kb / 10P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results

Similar Description - STTH200W03TV1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com