Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH200W03TV1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH200W03TV1
Description  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH200W03TV1 Datasheet(HTML) 2 Page - STMicroelectronics

  STTH200W03TV1 Datasheet HTML 1Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 2Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 3Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 4Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 5Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 6Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 7Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 8Page - STMicroelectronics STTH200W03TV1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STTH200W03TV1
2/9
Doc ID 023614 Rev 1
1
Characteristics
When the two diodes 1 and 2 are used simultaneously:
T
j(diode 1) = P (diode 1) X Rth(j-c) (per diode) + P (diode 2) x Rth(c)
To evaluate the conduction losses use the following equation:
P = 0.8 x IF(AV) + 0.0035 x IF
2
(RMS)
Table 2.
Absolute ratings (limiting values at Tj = 25 °C, unless otherwise specified, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
300
V
IF(RMS)
Forward rms current
Per diode
145
A
IF(peak)
Average forward current,
 = 0.2
Per diode Tc = 105 °C
200
A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
800
A
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
Table 3.
Thermal parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
0.7
°C/W
Total
0.4
Rth(c)
Coupling
0.1
°C/W
Table 4.
Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-100
µA
Tj = 125 °C
-
100
1000
VF
(2)
Forward voltage drop
Tj = 25 °C
IF = 100 A
1.50
V
Tj = 150 °C
-
0.95
1.15
Tj = 25 °C
IF = 200 A
-1.80
Tj = 150 °C
-
1.22
1.50
1.
Pulse test: tp = 5 ms,  < 2%
2.
Pulse test: tp = 380 µs,  < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com