Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11156 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX11156
Description  18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11156 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX11156 Datasheet HTML 3Page - Maxim Integrated Products MAX11156 Datasheet HTML 4Page - Maxim Integrated Products MAX11156 Datasheet HTML 5Page - Maxim Integrated Products MAX11156 Datasheet HTML 6Page - Maxim Integrated Products MAX11156 Datasheet HTML 7Page - Maxim Integrated Products MAX11156 Datasheet HTML 8Page - Maxim Integrated Products MAX11156 Datasheet HTML 9Page - Maxim Integrated Products MAX11156 Datasheet HTML 10Page - Maxim Integrated Products MAX11156 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Maxim Integrated │ 7
www.maximintegrated.com
MAX11156
18-Bit, 500ksps, ±5V SAR ADC
with Internal Reference in TDFN
Typical Operating Characteristics (continued)
(VDD = 5V, VOVDD = 3.3V, fSAMPLE = 500kHz, VREF = 4.096V, Reference Mode 3, TA = +25NC, unless otherwise noted.)
DIFFERENTIAL NONLINEARITY
vs. CODE
-0.5
0
0.5
1.0
-1.0
OUTPUT CODE (DECIMAL)
229376
196608
32768
65536
98304
131072
163840
0
262144
SINGLE DEVICE
INTERNAL REFERENCE VOLTAGE
(REF PIN) vs. TEMPERATURE
4.091
4.092
4.093
4.094
4.095
4.096
4.097
4.098
4.099
4.100
4.101
4.102
4.090
TEMPERATURE (°C)
60
35
10
-15
-40
85
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
FFT PLOT
FREQUENCY (kHz)
200
150
100
50
-120
-100
-80
-60
-40
-20
0
-140
0
250
fSAMPLE = 500ksps
NSAMPLE = 4096
fIN = 11597Hz
VIN = -0.1dBFS
REF MODE = 0
VREF = 4.096V
SINGLE DEVICE
SNR = 93.8dB
SINAD = 93.8dB
SFDR = 105.4dB
THD = -103.4dB
DNL vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
-0.6
-0.2
0.2
0.6
1.0
-1.0
-40
85
MAX DNL
MIN DNL
AVERAGE OF 128 DEVICES
INITIAL ERROR VOLTAGE ON REF PIN
REF PIN VOLTAGE (V)
10
20
30
40
50
0
4.095 4.096 4.097 4.098 4.099
4.094
4.093
303 DEVICES
MEAN = 4096.0mV
DNL vs. VDD SUPPLY VOLTAGE
VDD (V)
5.15
5.05
4.95
4.85
-0.6
-0.2
0.2
0.6
1.0
-1.0
4.75
5.25
MAX DNL
MIN DNL
AVERAGE OF 128 DEVICES
REF PIN THERMAL DRIFT SLOPE
THERMAL DRIFT (ppm/°C)
10
8
6
4
2
0
-4
-8
-2
-6
-10
-12
-14
10
20
30
40
50
60
70
0
-16
12
303 DEVICES
MEAN = -7.3ppm/°C
STDEV =
1.9ppm/°C
303 DEVICES
MEAN = 2.1ppm/°C
STDEV =
1.9ppm/°C
+25°C
TO -40°C
+25°C
TO -85°C
FFT PLOT
FREQUENCY (kHz)
200
150
50
100
-120
-100
-80
-60
-20
0
-40
-140
0
250
fSAMPLE = 500ksps
NSAMPLE = 4096
fIN = 10132Hz
VIN = -0.1dBFS
REF MODE = 3
VREF = 4.096V
SINGLE DEVICE
SNR = 94.6dB
SINAD = 94.2dB
SFDR = 105.6dB
THD = -104.5dB
TWO TONES IMD
FREQUENCY (kHz)
13
11
7
9
-120
-100
-80
-60
-20
0
-40
-140
5
15
fSAMPLE = 500ksps
NSAMPLE = 16384
FIN1 = 9368.9Hz
VIN1 = -6.1dBFS
FIN2 = 10651Hz
VIN2 = -6.1dBFS
REF MODE = 3
VREF = 4.096V
SINGLE DEVICE
IMD = -116.9dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com