Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11156 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX11156
Description  18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11156 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX11156 Datasheet HTML 2Page - Maxim Integrated Products MAX11156 Datasheet HTML 3Page - Maxim Integrated Products MAX11156 Datasheet HTML 4Page - Maxim Integrated Products MAX11156 Datasheet HTML 5Page - Maxim Integrated Products MAX11156 Datasheet HTML 6Page - Maxim Integrated Products MAX11156 Datasheet HTML 7Page - Maxim Integrated Products MAX11156 Datasheet HTML 8Page - Maxim Integrated Products MAX11156 Datasheet HTML 9Page - Maxim Integrated Products MAX11156 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Maxim Integrated │ 6
MAX11156
18-Bit, 500ksps, ±5V SAR ADC
with Internal Reference in TDFN
www.maximintegrated.com
Typical Operating Characteristics
(VDD = 5V, VOVDD = 3.3V, fSAMPLE = 500kHz, VREF = 4.096V, Reference Mode 3, TA = +25NC, unless otherwise noted.)
Note 2: Maximum and minimum limits are fully production tested over specified supply voltage range and at a temperature of +25°C
and +85°C. Limits below +25°C are guaranteed by design and device characterization. Typical values are not guaranteed.
Note 3: See the Analog Inputs and Overvoltage Input Clamps sections.
Note 4: See the Definitions section.
Note 5: Defined as the change in positive full-scale code transition caused by a Q5% variation in the VDD supply voltage.
Note 6: 10kHz sine wave input, -0.1dB below full scale.
Note 7: See Table 4 for definition of the reference modes.
Note 8: fIN1 = 9.4kHz, fIN2 = 10.7kHz, Each tone at -6.1dB below full scale.
Note 9: CLOAD = 65pF on DOUT.
Electrical Characteristics (continued)
(VDD = 4.75V to 5.25V, VOVDD = 2.3V to 5.25V, fSAMPLE = 500kHz, VREF = 4.096V, Reference Mode 3; TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25NC.) (Note 2)
OFFSET AND GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
-15
-10
-5
0
10
5
15
20
-20
-40
85
OFFSET ERROR (LSB)
GAIN ERROR (LSB)
AVERAGE OF 128 DEVICES
OFFSET AND GAIN ERROR
vs. SUPPLY VOLTAGE
VDD (V)
5.15
5.05
4.85
4.95
-15
-10
-5
0
10
5
15
20
-20
4.75
5.25
OFFSET ERROR (LSB)
GAIN ERROR (LSB)
AVERAGE OF 128 DEVICES
OUTPUT NOISE HISTOGRAM WITH
INPUT CONNECTED TO GND
OUTPUT CODE (DECIMAL)
131071
131067
131073
131077
131075
500
1000
1500
2000
2500
3000
3500
4000
4500
5000
0
131079
131069
131065
SINGLE DEVICE
INTEGRAL NONLINEARITY vs. CODE
OUTPUT CODE (DECIMAL)
229376
196608
32768
65536
98304
131072
163840
-3
-2
-1
0
1
2
3
4
-4
0
262144
SINGLE DEVICE
INL vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
-6
-4
-2
0
4
2
6
8
-8
-40
85
MAX INL
MIN INL
AVERAGE OF 128 DEVICES
INL vs. VDD SUPPLY VOLTAGE
VDD (V)
5.15
5.05
4.85
4.95
-6
-4
-2
0
4
2
6
8
-8
4.75
5.25
MAX INL
MIN INL
AVERAGE OF 128 DEVICES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com