Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11156 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11156
Description  18-Bit, 500ksps, 짹5V SAR ADC with Internal Reference in TDFN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11156 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11156 Datasheet HTML 1Page - Maxim Integrated Products MAX11156 Datasheet HTML 2Page - Maxim Integrated Products MAX11156 Datasheet HTML 3Page - Maxim Integrated Products MAX11156 Datasheet HTML 4Page - Maxim Integrated Products MAX11156 Datasheet HTML 5Page - Maxim Integrated Products MAX11156 Datasheet HTML 6Page - Maxim Integrated Products MAX11156 Datasheet HTML 7Page - Maxim Integrated Products MAX11156 Datasheet HTML 8Page - Maxim Integrated Products MAX11156 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Maxim Integrated │ 3
MAX11156
18-Bit, 500ksps, ±5V SAR ADC
with Internal Reference in TDFN
www.maximintegrated.com
Electrical Characteristics (continued)
(VDD = 4.75V to 5.25V, VOVDD = 2.3V to 5.25V, fSAMPLE = 500kHz, VREF = 4.096V, Reference Mode 3; TA = TMIN to TMAX, unless
otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Input CMR
CMR
-77
dB
Power-Supply Rejection (Note 5)
PSR
±8.0
LSB
Transition Noise
1.7
LSBRMS
REFERENCE (Note 7)
REF Output Initial Accuracy
VREF
Reference mode 0
4.092
4.096
4.100
V
REF Output Temperature
Coefficient
TCREF
Reference mode 0
-17
±9
+17
ppm/°C
REFIO Output Initial Accuracy
VREFIO
Reference modes 0 and 2
4.092
4.096
4.100
V
REFIO Output Temperature
Coefficient
TCREFIO Reference modes 0 and 2
-15
±6
+15
ppm/°C
REFIO Output Impedance
Reference modes 0 and 2
10
REFIO Input Voltage Range
Reference mode 1
3
4.096
4.25
V
Reference Buffer Initial Offset
Reference mode 1
-500
+500
µV
Reference Buffer Temperature
Coefficient
Reference mode 1
-10
±6
+10
µV/°C
External Compensation
Capacitor
CEXT
Required for reference modes 0
and 1, recommended for reference
modes 2 and 3
10
µF
REF Voltage Input Range
VREF
Reference modes 2 and 3
2.5
4.25
V
REF Input Capacitance
Reference modes 2 and 3
20
pF
REF Load Current
130
µA
AC ACCURACY (Note 6)
Signal-to-Noise Ratio (Note 7)
SNR
fIN =
10kHz
VREF = 4.096V,
reference mode 3
93
94.6
dB
VREF = 4.096V,
reference mode 1
93.7
VREF = 2.5V,
reference mode 3
90.6
Internal reference,
reference mode 0
93.6
Signal-to-Noise Plus Distortion
(Note 7)
SINAD
fIN =
10kHz
VREF = 4.096V,
reference mode 3
91.5
94.2
dB
VREF = 4.096V,
reference mode 1
93.0
VREF = 2.5V,
reference mode 3
90.2
Internal reference,
reference mode 0
92.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com