Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9129BBC Datasheet(PDF) 45 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 41Page - Analog Devices AD9129BBC Datasheet HTML 42Page - Analog Devices AD9129BBC Datasheet HTML 43Page - Analog Devices AD9129BBC Datasheet HTML 44Page - Analog Devices AD9129BBC Datasheet HTML 45Page - Analog Devices AD9129BBC Datasheet HTML 46Page - Analog Devices AD9129BBC Datasheet HTML 47Page - Analog Devices AD9129BBC Datasheet HTML 48Page - Analog Devices AD9129BBC Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 45 of 68
Data Assembler and Signal Processing Modes
The data assembler reconstructs the original sample sequence.
It consists of a 4:1 multiplexer operating at fDACCLK. Each of the
four FIFOs provides a sample that is now referenced to the
internal clock domain of the AD9119/AD9129, fDACCLK. The
reconstructed sample sequence can be directed to the DAC
decode logic or undergo additional signal processing. In 2×
interpolation mode, a FIR filter is used to generate a new data
sample that is inserted between each sample, such that it can
update the DAC decode logic on the falling edge of DACCLK.
In Mix-Mode, the complement of each data sample is generated
and inserted after it, such that it also updates the DAC in a similar
manner. The 2× interpolator can be used with Mix-Mode enabled.
2× Digital Filter
The AD9119/AD9129 include a bypassable 2× half-band
interpolation filter to help simplify the analog reconstruction
filter. The filter has the potential benefit of minimizing the
impact of folded back harmonics in the desired baseband
region. The filter operates in a dual-edge clocking mode, where
it generates a new interpolated sample value for every alternate
DACCLK edge. This effectively increases the DAC update rate
to 2 × fDACCLK with the DAC’s sinc response null moving from
fDACCLK to 2 × fDACCLK.
There are two different filters, FIR25 and FIR40, that can be
chosen using Register 0x18, Bit 5, when the 2× interpolator is
enabled with Register 0x18, Bit 7.
The FIR25 half-band filter provides 25 dB of stop-band rejection.
Its response is shown in Figure 137. Coefficients were optimized
for practical implementation purposes with the notion that the
±0.5 dB pass-band ripple effects on a multicarrier application
(for example, DOCSIS) can be compensated by the digital host
adjusting individual channel powers. Note that the worst-case
tilt across any 6 MHz channel is less than −0.05 dB.
The FIR40 half-band filter provides 40 dB of stop-band rejection,
and its response is shown in Figure 139. Coefficients were
chosen to reduce pass-band ripple and increase out-of-band
rejection for multicarrier applications (for example, DOCSIS).
As a result, the frequency response has a flatter in-band response
and a sharper transition region, and the trade-off is a higher phase
count, leading to higher pipeline delay and higher power
consumption. The two filters are compared in Table 12.
Table 12. Features of the Two 2× Interpolation Filters
Filter
Ripple (dB)
Attenuation (dB)
Power (mW)
FIR25
±0.5
25
150
FIR40
±0.1
40
450
A duty cycle restore circuit follows the DACCLK clock receiver
to minimize impact of duty cycle errors on image rejection.
0
500
1000
1500
2000
2500
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
FREQUENCY (MHz)
Figure 137. FIR25 2× Interpolation Filter Plot, Complete Frequency Response;
fDAC = 2.5 GHz
0
200
400
600
800
1000
1200
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
FREQUENCY (MHz)
Figure 138. FIR25 2× Interpolation Filter Plot, Pass-Band Ripple; fDAC = 2.5 GHz
0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
1.0
–60
–50
–55
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
NORMALIZED FREQUENCY (×
π RAD/Sample)
Figure 139. FIR40 2× Interpolation Filter Plot, Complete Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com