Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9129BBC Datasheet(PDF) 31 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 27Page - Analog Devices AD9129BBC Datasheet HTML 28Page - Analog Devices AD9129BBC Datasheet HTML 29Page - Analog Devices AD9129BBC Datasheet HTML 30Page - Analog Devices AD9129BBC Datasheet HTML 31Page - Analog Devices AD9129BBC Datasheet HTML 32Page - Analog Devices AD9129BBC Datasheet HTML 33Page - Analog Devices AD9129BBC Datasheet HTML 34Page - Analog Devices AD9129BBC Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 31 of 68
DOCSIS Performance (Normal Mode)
IOUTFS = 33 mA, fDAC = 2.782 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
–120
START 0Hz
RES BW 20kHz
VBW 20kHz
SWEEP 27.9s (1001 pts)
REF –20dBm
STOP 1.1GHz
–110
–100
–90
–80
–70
–60
–50
–30
–40
–20
Y
–3.611dBm
(Δ) –72.929dB
(Δ) –74.629dB
X
70MHz
(Δ) 70MHz
(Δ) 140MHz
FUNCTION
VALUE
–3.612dBm
(Δ) –72.903dB
(Δ) –74.583dB
FUNCTION
WIDTH
6MHz
6MHz
6MHz
FUNCTION
BAND POWER
BAND POWER
BAND POWER
MODE
N
Δ1
Δ1
TRC
1
1
1
SCL
f
f (Δ)
f (Δ)
2Δ1
1
3Δ1
Figure 102. Single Carrier at 70 MHz Output
–120
–20
START 0Hz
RES BW 20kHz
VBW 20kHz
SWEEP 27.9s (1001 pts)
REF –20dBm
STOP 1.1GHz
–110
–100
–90
–80
–70
–60
–50
–30
–40
Y
–11.506dBm
(Δ) –71.473dB
(Δ) –69.109dB
X
79MHz
(Δ) 61MHz
(Δ) 131MHz
FUNCTION
VALUE
–11.506dBm
(Δ) –71.606dB
(Δ) –69.155dB
FUNCTION
WIDTH
6MHz
6MHz
6MHz
FUNCTION
BAND POWER
BAND POWER
BAND POWER
MODE
N
Δ1
Δ1
TRC
1
1
1
SCL
f
f (Δ)
f (Δ)
2Δ1
1
3Δ1
Figure 103. Four Carrier at 70 MHz Output
–120
START 0Hz
RES BW 20kHz
VBW 20kHz
SWEEP 27.9s (1001 pts)
REF –20dBm
STOP 1.1GHz
–110
–100
–90
–80
–70
–60
–50
–30
–40
–20
Y
–15.917dBm
(Δ) –66.430dB
(Δ) –67.401dB
X
91MHz
(Δ) 49MHz
(Δ) 117.9MHz
FUNCTION
VALUE
–15.919dBm
(Δ) –66.658dB
(Δ) –67.436dB
FUNCTION
WIDTH
6MHz
6MHz
6MHz
FUNCTION
BAND POWER
BAND POWER
BAND POWER
MODE
N
Δ1
Δ1
TRC
1
1
1
SCL
f
f (Δ)
f (Δ)
1
2Δ1 3Δ1
Figure 104. Eight Carrier at 70 MHz Output
–120
–30
START 0Hz
RES BW 20kHz
VBW 2kHz
SWEEP 27.9s (1001 pts)
REF –20dBm
STOP 1.1GHz
–110
–100
–90
–80
–70
–60
–50
–20
–40
Y
–6.221dBm
(
Δ) –68.115dB
(
Δ) –71.783dB
X
950MHz
(
Δ) –68MHz
(
Δ) –882MHz
FUNCTION
VALUE
–6.223dBm
(
Δ) –68.115dB
(
Δ) –71.783dB
FUNCTION
WIDTH
6MHz
6MHz
6MHz
FUNCTION
BAND POWER
BAND POWER
BAND POWER
MODE
N
Δ1
Δ1
TRC
1
1
1
SCL
f
f
f
2
Δ1
1
3
Δ1
Figure 105. Single Carrier at 950 MHz Output
–120
–30
START 0Hz
RES BW 20kHz
VBW 2kHz
SWEEP 27.9s (1001 pts)
REF –20dBm
STOP 1.1GHz
–110
–100
–90
–80
–70
–60
–50
–20
–40
Y
–14.583dBm
(Δ) –65.064dB
(Δ) –71.759dB
X
959MHz
(Δ) –77MHz
(Δ) –891MHz
FUNCTION
VALUE
–14.584dBm
(Δ) –65.064dB
(Δ) –71.759dB
FUNCTION
WIDTH
6MHz
6MHz
6MHz
FUNCTION
BAND POWER
BAND POWER
BAND POWER
MODE
N
Δ1
Δ1
TRC
1
1
1
SCL
f
f
f
2Δ1
1
3Δ1
Figure 106. Four Carrier at 950 MHz Output
–120
START 0Hz
RES BW 20kHz
VBW 2kHz
SWEEP 27.9s (1001 pts)
REF –20dBm
STOP 1.1GHz
–110
–100
–90
–80
–70
–60
–50
–30
–40
–20
Y
–18.364dBm
(Δ) –63.858dB
(Δ) –70.065dB
X
971MHz
(Δ) –89MHz
(Δ) –903.0MHz
FUNCTION
VALUE
–18.364dBm
(Δ) –63.858dB
(Δ) –70.065dB
FUNCTION
WIDTH
6MHz
6MHz
6MHz
FUNCTION
BAND POWER
BAND POWER
BAND POWER
MODE
N
Δ1
Δ1
TRC
1
1
1
SCL
f
f
f
2Δ1
1
3Δ1
Figure 107. Eight Carrier at 950 MHz Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com