Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9129BBC Datasheet(PDF) 65 Page - Analog Devices

Part # AD9129BBC
Description  11-/14-Bit, 5.6 GSPS, RF Digital-to-Analog Converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9129BBC Datasheet(HTML) 65 Page - Analog Devices

Back Button AD9129BBC Datasheet HTML 60Page - Analog Devices AD9129BBC Datasheet HTML 61Page - Analog Devices AD9129BBC Datasheet HTML 62Page - Analog Devices AD9129BBC Datasheet HTML 63Page - Analog Devices AD9129BBC Datasheet HTML 64Page - Analog Devices AD9129BBC Datasheet HTML 65Page - Analog Devices AD9129BBC Datasheet HTML 66Page - Analog Devices AD9129BBC Datasheet HTML 67Page - Analog Devices AD9129BBC Datasheet HTML 68Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 65 / 68 page
background image
Data Sheet
AD9119/AD9129
Rev. 0 | Page 65 of 68
Delay Control Register 0
Address: 0x70, Reset: 0xFF, Name: Delay Ctrl 0
Table 60. Bit Descriptions for Delay Ctrl 0
Bits
Bit Name
Description
Reset
Access
[7:0]
Enable delay cell
Sets each bit to enable or disable the delay cell, Bits[7:0]; delay cell number corresponds to bit
number
1: enables delay cell (default)
0: disables delay cell
0xFF
R/W
Delay Control Register 1
Address: 0x71, Reset: 0x67, Name: Delay Ctrl 1
Table 61. Bit Descriptions for Delay Ctrl 1
Bits
Bit Name
Description
Reset
Access
[7:3]
Reserved
Reserved
0x60
R/W
[2:0]
Enable delay cell
Sets each bit to enable or disable the delay cell, Bits[10:8]; delay cell numbers are 10, 9,
and 8, which correspond to Bit 2, Bit 1, and Bit 0, respectively
1: enables delay cell (default)
0: disables delay cell
0x7
R/W
Drive Strength Register
Address: 0x7C, Reset: 0x7C, Name: Drive Strength
Table 62. Bit Descriptions for Drive Strength
Bits
Bit Name
Description
Reset
Access
[7:6]
DCO drive strength
Sets DCO drive strength
00: 2 mA
01: 2.8 mA (default)
10: 3.4 mA
11: 4 mA
0x1
R/W
[5:0]
Reserved
Reserved
0x3C
R/W
Part ID Register
Address: 0x7F, Reset: 0x03 or 0x83, Name: Part ID
Table 63. Bit Descriptions for Part ID
Bits
Bit Name
Description
Reset
Access
[7:0]
Part ID
Version information
0x07 = the AD9129 (14-bit version)
0x87 = the AD9119 (11-bit version)
0x07
or
0x87
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com