Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP26NM60N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP26NM60N
Description  N-channel 600 V, 0.135 Ω typ., 20 A MDmesh™II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP26NM60N Datasheet(HTML) 1 Page - STMicroelectronics

  STP26NM60N Datasheet HTML 1Page - STMicroelectronics STP26NM60N Datasheet HTML 2Page - STMicroelectronics STP26NM60N Datasheet HTML 3Page - STMicroelectronics STP26NM60N Datasheet HTML 4Page - STMicroelectronics STP26NM60N Datasheet HTML 5Page - STMicroelectronics STP26NM60N Datasheet HTML 6Page - STMicroelectronics STP26NM60N Datasheet HTML 7Page - STMicroelectronics STP26NM60N Datasheet HTML 8Page - STMicroelectronics STP26NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production.
June 2012
Doc ID 15642 Rev 5
1/23
23
STB26NM60N, STF26NM60N, STI26NM60N
STP26NM60N, STW26NM60N
N-channel 600 V, 0.135
Ω typ., 20 A MDmesh™ II Power MOSFET
in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
Datasheet — production data
Features
■ 100% avalanche tested
■ Low input capacitance and gate charge
■ Low gate input resistance
Application
■ Switching applications
Description
These devices are N-channel Power MOSFETs
developed using the second generation of
MDmesh™ technology. This revolutionary Power
MOSFET applies a new vertical structure to the
company’s strip layout to yield a device with one
of the world’s lowest on-resistance and gate
charge, making it suitable for the most demanding
high-efficiency converters.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
STB26NM60N
600 V
< 0.165
Ω
20 A
STF26NM60N
600 V
< 0.165
Ω
20 A
STI26NM60N
600 V
< 0.165
Ω
20 A
STP26NM60N
600 V
< 0.165
Ω
20 A
STW26NM60N
600 V
< 0.165
Ω
20 A
TO-220
TO-220FP
TO-247
1
2
3
1
2
3
D²PAK
I²PAK
1
2
3
TAB
1
2
3
TAB
1
3
TAB
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB26NM60N
26NM60N
D²PAK
Tape and reel
STF26NM60N
TO-220FP
Tube
STI26NM60N
I²PAK
STP26NM60N
TO-220
STW26NM60N
TO-247
www.st.com


Similar Part No. - STP26NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP26NM60N STMICROELECTRONICS-STP26NM60N Datasheet
1Mb / 23P
N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
20-Jun-2012
logo
Inchange Semiconductor ...
STP26NM60N ISC-STP26NM60N Datasheet
317Kb / 2P
Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP26NM60ND STMICROELECTRONICS-STP26NM60ND Datasheet
1Mb / 23P
Low input capacitance and gate charge
28-Nov-2013
logo
Inchange Semiconductor ...
STP26NM60ND ISC-STP26NM60ND Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP26NM60N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
11-Jun-2008
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
09-Jul-2008
STF26NM60N STMICROELECTRONICS-STF26NM60N Datasheet
1Mb / 23P
N-channel 600 V, 0.135 ohm typ., 20 A MDmesh II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
20-Jun-2012
STP13NM60N STMICROELECTRONICS-STP13NM60N Datasheet
989Kb / 21P
N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
14-Nov-2012
STF18NM60N STMICROELECTRONICS-STF18NM60N Datasheet
1Mb / 21P
N-channel 600 V, 0.26 Ω typ., 13 A MDmesh™II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
01-Oct-2012
STP18NM60N STMICROELECTRONICS-STP18NM60N Datasheet
1Mb / 21P
N-channel 600 V, 0.26 Ω typ., 13 A MDmesh™ II Power MOSFET in D2PAK, TO-220FP, TO-220 and TO-247
October 2012 Rev 4
STW33N60M2 STMICROELECTRONICS-STW33N60M2 Datasheet
1Mb / 20P
N-channel 600 V, 0.108 typ., 26 A MDmesh II Plus low Qg Power MOSFETs in TO-220FP, I2PAK, TO-220 and TO-247 packages
November 2013 Rev 2
STF26NM60N-H STMICROELECTRONICS-STF26NM60N-H Datasheet
707Kb / 12P
N-channel 600 V, 0.135 ?? 20 A MDmesh™II Power MOSFET in TO-220FP
12-Jan-2010
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
06-Nov-2018
STW26NM60N-H STMICROELECTRONICS-STW26NM60N-H Datasheet
681Kb / 12P
N-channel 600 V, 0.135 Ω, 20 A TO-247 MDmesh™ II Power MOSFET
06-Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com