Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP26NM60N Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP26NM60N
Description  N-channel 600 V, 0.135 Ω typ., 20 A MDmesh™II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP26NM60N Datasheet(HTML) 4 Page - STMicroelectronics

  STP26NM60N Datasheet HTML 1Page - STMicroelectronics STP26NM60N Datasheet HTML 2Page - STMicroelectronics STP26NM60N Datasheet HTML 3Page - STMicroelectronics STP26NM60N Datasheet HTML 4Page - STMicroelectronics STP26NM60N Datasheet HTML 5Page - STMicroelectronics STP26NM60N Datasheet HTML 6Page - STMicroelectronics STP26NM60N Datasheet HTML 7Page - STMicroelectronics STP26NM60N Datasheet HTML 8Page - STMicroelectronics STP26NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Electrical ratings
STB26NM60N, STF26NM60, STI26NM60N, STP26NM60N, STW26NM60N
4/23
Doc ID 15642 Rev 5
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAS
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
6A
EAS
Single pulse avalanche energy
(starting TJ=25 °C, ID=IAS, VDD=50 V)
610
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com