Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8788 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8788
Description  High Performance 24-bit Stereo ADC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8788 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8788 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8788 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Preliminary Technical Data
WM8788
w
PTD, December 2010, Rev 2.2
3
PIN CONFIGURATION
The WM8788 is supplied in a 16-pin TSSOP format. The pin configuration is illustrated below,
showing the top-down view from above the chip.
5
6
7
89
10
11
12
REFVDD
AVDD
AIFMODE1
INRFB
AIFMODE0
MASTER
OSR
MCLK
WM8788
(Top View)
2
3
413
14
15
INLFB
INR
INL
LRCLK
BCLK
116
VMIDC
ADCDAT
AGND
ORDERING INFORMATION
ORDER CODE
TEMPERATURE
RANGE
PACKAGE
MOISTURE
SENSITIVITY LEVEL
PEAK SOLDERING
TEMPERATURE
WM8788GEDT
-40
°C to +85°C
16-pin TSSOP
(Pb-free)
MSL1
260oC
WM8788GEDT/R
-40
°C to +85°C
16-pin TSSOP
(Pb-free, tape and reel)
MSL1
260oC
Note:
Reel quantity = 2,000
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
VMIDC
Analogue Output
Midrail voltage decoupling capacitor
2
INL
Analogue Input
Left channel analogue input
3
INLFB
Analogue Output
Left channel feedback connection
4
INR
Analogue Input
Right channel analogue input
5
INRFB
Analogue Output
Right channel feedback connection
6
REFVDD
Supply
ADC Reference Positive supply
7
AVDD
Supply
Analogue Positive supply
8
AIFMODE1
Digital Tri-state Input
Audio interface configuration pin 1
9
AIFMODE0
Digital Tri-state Input
Audio interface configuration pin 0
10
MASTER
Digital Tri-state Input
Audio interface Master / Slave select
11
OSR
Digital Tri-state Input
ADC oversample rate select
12
MCLK
Digital Input
Master clock
13
LRCLK
Digital Input / Output
Audio interface left / right clock
14
BCLK
Digital Input / Output
Audio interface bit clock
15
ADCDAT
Digital Output
ADC digital audio data
16
AGND
Supply
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com