Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F320J3C110 Datasheet(PDF) 63 Page - Intel Corporation

Part # JS28F320J3C110
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3C110 Datasheet(HTML) 63 Page - Intel Corporation

Back Button JS28F320J3C110 Datasheet HTML 59Page - Intel Corporation JS28F320J3C110 Datasheet HTML 60Page - Intel Corporation JS28F320J3C110 Datasheet HTML 61Page - Intel Corporation JS28F320J3C110 Datasheet HTML 62Page - Intel Corporation JS28F320J3C110 Datasheet HTML 63Page - Intel Corporation JS28F320J3C110 Datasheet HTML 64Page - Intel Corporation JS28F320J3C110 Datasheet HTML 65Page - Intel Corporation JS28F320J3C110 Datasheet HTML 66Page - Intel Corporation JS28F320J3C110 Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
Datasheet
63
0606_09
Figure 22. Block Erase Flowchart
Start
Read
Status Register
SR.7 =
Erase Flash
Block(s) Complete
0
1
Full Status
Check if Desired
Suspend Erase
Issue Single Block Erase
Command 20H, Block
Address
Suspend
Erase Loop
Write Confirm D0H
Block Address
Yes
No
Bus
Operation
Command
Comments
Write
Erase Block
Data = 20H
Addr = Block Address
Write (Note 1)
Erase
Confirm
Data = D0H
Addr = X
Read
Status register data
With the device enabled,
OE# low updates SR
Addr = X
Standby
Check SR.7
1 = WSM Ready
0 = WSM Busy
1. The Erase Confirm byte must follow Erase Setup.
This device does not support erase queuing. Please see
Application note AP-646 For software erase queuing
compatibility.
Full status check can be done after all erase and write
sequences complete. Write FFH after the last operation to
reset the device to read array mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com