Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F320J3C110 Datasheet(PDF) 16 Page - Intel Corporation

Part # JS28F320J3C110
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3C110 Datasheet(HTML) 16 Page - Intel Corporation

Back Button JS28F320J3C110 Datasheet HTML 12Page - Intel Corporation JS28F320J3C110 Datasheet HTML 13Page - Intel Corporation JS28F320J3C110 Datasheet HTML 14Page - Intel Corporation JS28F320J3C110 Datasheet HTML 15Page - Intel Corporation JS28F320J3C110 Datasheet HTML 16Page - Intel Corporation JS28F320J3C110 Datasheet HTML 17Page - Intel Corporation JS28F320J3C110 Datasheet HTML 18Page - Intel Corporation JS28F320J3C110 Datasheet HTML 19Page - Intel Corporation JS28F320J3C110 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
16
Datasheet
4.4
Signal Descriptions
Table 3 describes active signals used.
Table 3.
Signal Descriptions (Sheet 1 of 2)
Symbol
Type
Name and Function
A0
Input
BYTE-SELECT ADDRESS: Selects between high and low byte when the device is in x8 mode.
This address is latched during a x8 program cycle. Not used in x16 mode (i.e., the A0 input buffer
is turned off when BYTE# is high).
A[MAX:1]
Input
ADDRESS INPUTS: Inputs for addresses during read and program operations. Addresses are
internally latched during a program cycle.
32-Mbit: A[21:0]
64-Mbit: A[22:0]
128-Mbit: A[23:0]
256-Mbit: A[24:0]
D[7:0]
Input/Output
LOW-BYTE DATA BUS: Inputs data during buffer writes and programming, and inputs
commands during CUI writes. Outputs array, CFI, identifier, or status data in the appropriate read
mode. Data is internally latched during write operations.
D[15:8]
Input/Output
HIGH-BYTE DATA BUS: Inputs data during x16 buffer writes and programming operations.
Outputs array, CFI, or identifier data in the appropriate read mode; not used for Status Register
reads. Data is internally latched during write operations in x16 mode. D[15-8] float in x8 mode
CE0,
CE1,
CE2
Input
CHIP ENABLES: Activates the device’s control logic, input buffers, decoders, and sense
amplifiers. When the device is de-selected (see Table 13 on page 33), power reduces to standby
levels.
All timing specifications are the same for these three signals. Device selection occurs with the
first edge of CE0, CE1, or CE2 that enables the device. Device deselection occurs with the first
edge of CE0, CE1, or CE2 that disables the device (see Table 13 on page 33).
RP#
Input
RESET/ POWER-DOWN: RP#-low resets internal automation and puts the device in power-
down mode. RP#-high enables normal operation. Exit from reset sets the device to read array
mode. When driven low, RP# inhibits write operations which provides data protection during
power transitions.
OE#
Input
OUTPUT ENABLE: Activates the device’s outputs through the data buffers during a read cycle.
OE# is active low.
WE#
Input
WRITE ENABLE: Controls writes to the CUI, the Write Buffer, and array blocks. WE# is active
low. Addresses and data are latched on the rising edge of WE#.
STS
Open Drain
Output
STATUS: Indicates the status of the internal state machine. When configured in level mode
(default), it acts as a RY/BY# signal. When configured in one of its pulse modes, it can pulse to
indicate program and/or erase completion. For alternate configurations of the STATUS signal,
see the Configurations command. STS is to be tied to VCCQ with a pull-up resistor.
BYTE#
Input
BYTE ENABLE: BYTE#-low places the device in x8 mode; data is input or output on D[7:0],
while D[15:8] is placed in High-Z. Address A0 selects between the high and low byte. BYTE#-
high places the device in x16 mode, and turns off the A0 input buffer. Address A1 becomes the
lowest-order address bit.
VPEN
Input
ERASE / PROGRAM / BLOCK LOCK ENABLE: For erasing array blocks, programming data, or
configuring lock-bits.
With VPEN ≤ VPENLK, memory contents cannot be altered.
VCC
Power
CORE POWER SUPPLY: Core (logic) source voltage. Writes to the flash array are inhibited
when VCC ≤ VLKO. Device operation at invalid Vcc voltages should not be attempted.
VCCQ
Power
I/O POWER SUPPLY: I/O Output-driver source voltage. This ball can be tied to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com