Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JS28F320J3C110 Datasheet(PDF) 22 Page - Intel Corporation

Part # JS28F320J3C110
Description  Intel StrataFlash짰 Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F320J3C110 Datasheet(HTML) 22 Page - Intel Corporation

Back Button JS28F320J3C110 Datasheet HTML 18Page - Intel Corporation JS28F320J3C110 Datasheet HTML 19Page - Intel Corporation JS28F320J3C110 Datasheet HTML 20Page - Intel Corporation JS28F320J3C110 Datasheet HTML 21Page - Intel Corporation JS28F320J3C110 Datasheet HTML 22Page - Intel Corporation JS28F320J3C110 Datasheet HTML 23Page - Intel Corporation JS28F320J3C110 Datasheet HTML 24Page - Intel Corporation JS28F320J3C110 Datasheet HTML 25Page - Intel Corporation JS28F320J3C110 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
28F256J3, 28F128J3, 28F640J3, 28F320J3
22
Datasheet
7.0
AC Characteristics
7.1
Read Operations
Table 8.
Read Operations (Sheet 1 of 2)
Asynchronous
Specifications
(All units in ns unless
otherwise noted)
VCC = 2.7 V–3.6 V
(3)
VCCQ = 2.7 V–3.6 V
(3)
Notes
Speed
Bin
-110
-115
-120
-125
-150
#
Sym
Parameter
Density
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
R1
tAVAV
Read/Write
Cycle Time
32 Mbit
110
1,2
64 Mbit
115
120
1,2
128 Mbit
120
150
1,2
256 Mbit
125
1,2
R2
tAVQV
Address to
Output Delay
32 Mbit
110
1,2
64 Mbit
115
120
1,2
128 Mbit
120
150
1,2
256 Mbit
125
1,2
R3
tELQV
CEX to Output
Delay
32 Mbit
110
1,2
64 Mbit
115
120
1,2
128 Mbit
120
150
1,2
256 Mbit
125
1,2
R4
tGLQV
OE# to Non-
Array Output
Delay
50
50
50
50
50
1,2,4
R5
tPHQV
RP# High to
Output Delay
32 Mbit
150
1,2
64 Mbit
180
180
1,2
128 Mbit
210
210
1,2
256 Mbit
210
R6
tELQX
CEX to Output in Low Z
0
0
0
0
0
1,2,5
R7
tGLQX
OE# to Output in Low Z
0
0
0
0
0
1,2,5
R8
tEHQZ
CEX High to Output in High
Z
35
35
35
35
35
1,2,5
R9
tGHQZ
OE# High to Output in High
Z
15
15
15
15
15
1,2,5
R10
tOH
Output Hold from Address,
CEX, or OE# Change,
Whichever Occurs First
0
0
0
0
0
1,2,5
R11
tELFL/
tELFH
CEX Low to BYTE# High or
Low
10
10
10
10
10
1,2,5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com