Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9758 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9758
Description  Multiple supply for engine control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 8Page - STMicroelectronics L9758 Datasheet HTML 9Page - STMicroelectronics L9758 Datasheet HTML 10Page - STMicroelectronics L9758 Datasheet HTML 11Page - STMicroelectronics L9758 Datasheet HTML 12Page - STMicroelectronics L9758 Datasheet HTML 13Page - STMicroelectronics L9758 Datasheet HTML 14Page - STMicroelectronics L9758 Datasheet HTML 15Page - STMicroelectronics L9758 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Electrical characteristics
L9758
12/29
Doc ID 14273 Rev 3
4
Electrical characteristics
All voltage values are, if not otherwise stated, relative to ground.Current flow into a pin is
positive. If not otherwise stated, all rise times are between 10% and 90%, fall times between
90% and 10% and delay times at 50% of the relevant steps.
4.1
General DC characteristics
Tamb = -40 °C to 125 °C, VBAT = VBAT_SW = 5.5 to 26.5 V, unless otherwise specified.
Table 7.
General DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IBAT_SW_SB
Quiescent current at pin
BAT_SW
VBAT = 0 V;
VBAT_SW = 12 V
IQ_OFF
Supply current in OFF
state
IVBAT_SW + IVBAT
--
120
µA
VLVI_LOW
Low voltage inhibit Low
threshold
-3.5
-
3.9
V
VLVI_HIGH
Low voltage inhibit High
threshold
-4.0
-
4.5
V
VLVI_HYS
Low voltage inhibit
hysteresis
-0.3
-
1
V
VST
Linear Start-up voltage
-
3.8
-
4.8
V
VREXT
Rext Voltage
-
1.18
-
1.24
V
VTH_VSEN
VS_EN input threshold
-
0.8
-
2
V
VVDDL/VCORE_EN
VDDL/VCORE_EN
input threshold
-0.8
-
2
V
VPROG1_LOW
PROG1 input Low
Voltage
--
-
0.8
V
VPROG2_LOW
PROG2 input Low
Voltage
--
-
0.8
V
VPROG3_LOW
PROG3 input Low
Voltage
--
-
0.8
V
VDDL_ENUP
Vddl Power-up enable
-
1
-
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com