Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9758 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9758
Description  Multiple supply for engine control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 12Page - STMicroelectronics L9758 Datasheet HTML 13Page - STMicroelectronics L9758 Datasheet HTML 14Page - STMicroelectronics L9758 Datasheet HTML 15Page - STMicroelectronics L9758 Datasheet HTML 16Page - STMicroelectronics L9758 Datasheet HTML 17Page - STMicroelectronics L9758 Datasheet HTML 18Page - STMicroelectronics L9758 Datasheet HTML 19Page - STMicroelectronics L9758 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Electrical characteristics
L9758
16/29
Doc ID 14273 Rev 3
4.6
VCORE linear regulator
Tamb = -40 °C to 125 °C, VBAT= VBAT_SW = 5.5 to 26.5 V, unless otherwise specified.
VDDL_MAX
Maximum
overshoot
5 mA <IDDL < 1 A, VPROG3 = Open
4.0 V < VBAT_SW < 18 V
ΔVB/Δt < 70 V/ms
5 mA < IDDL < 1 A, VPROG3 = Low
4.0 V < VBAT_SW < 18 V
ΔVB/Δt < 70 V/ms
--
3.75
3.6
V
ΔV
DDL/Δt
Output voltage slew
rate at power-up
5 mA <IDDL < 1 A VBAT_SW =13.5 V
5
-
25
V/ms
IDDL
Load current
5
-
1000
mA
VDDLlineR
Line regulation
5.5 V < VBAT_SW < 7 V
-8
-
+8
mV
VDDLloadR
Load regulation
5 mA < IDDL< 1 A
-8
-
+8
mV
Table 11.
VDDL linear regulator (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 12.
VCORE linear regulator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCORE
Output voltage
5mA < ICORE < 1A 4.0V < VBAT_SW < 18V
1.47
-
1.53
V
CddL
ESR
Output capacitor
Ceramic or Tantalum
4.70
0
-
100
160
µF
m
Ω
RRddL
Ripple rejection
F= 375 kHz
26
-
-
dB
VCORE_M
Maximum
overshoot
5 mA < ICORE < 1 A
4.0 V < VBAT_SW < 18 V
--
1.7
V
ΔV
CORE/Δt
Output voltage slew
rate at power-up
5 mA < ICORE < 1 A VBAT_SW=13.5 V
5
-
25
V/ms
ICORE
Load current
-
5
-
1000
mA
VCORE_PROG
Range of
programmability
Using external resistor divider
1.05
1.5
2.8
V
VCORE_FBK
Feedback voltage
-
0.98
-
1.02
V
VCORElineR
Line regulation
5.5 V < VBAT_SW < 7 V
-25
-
+25
mV
VCOREloadR
Load regulation
5 mA < ICORE < 1 A
-25
-
+25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com