Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9758 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9758
Description  Multiple supply for engine control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9758 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9758 Datasheet HTML 10Page - STMicroelectronics L9758 Datasheet HTML 11Page - STMicroelectronics L9758 Datasheet HTML 12Page - STMicroelectronics L9758 Datasheet HTML 13Page - STMicroelectronics L9758 Datasheet HTML 14Page - STMicroelectronics L9758 Datasheet HTML 15Page - STMicroelectronics L9758 Datasheet HTML 16Page - STMicroelectronics L9758 Datasheet HTML 17Page - STMicroelectronics L9758 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Electrical characteristics
L9758
14/29
Doc ID 14273 Rev 3
4.3
Boost pre-regulator
Tamb = -40 °C to 125 °C, VBAT = VBAT_SW = 5.5 to 26.5 V, unless otherwise specified.
Table 9.
Boost pre-regulator
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
FSW
Operating frequency
Rext = 10.0 kOhm ±1%
VBAT_SW = 13.5 V
300
-
450
kHz
VB_REG
Output voltage
4.0 V < VBAT_S < 7 V, 0.25 A < IVB < 2.0 A
8.5
-
10
V
BoostONth Boost enable threshold
Voltage sensed at VBAT_S pin
7.0
-
8.3
V
BoostOFFth Boost disable threshold
7.0
-
8.3
V
VBOOST_HY
Boost operation threshold
hysteresis
Voltage sensed at VBAT_S pin
0.05
-
0.9
V
ΔV
BOOST
Load regulation
ΔI
VB = 0.1 A–2 A VBAT_S = 4 V
-
-
600
mV
VR_VBOOST Voltage ripple, p-p
L = 22 µH, C = 300 µF X7RX7R
VBAT_S = 4 V
-
-
600
mV
VOLB
Boost predriver low level
voltage
Isink = 1 mA
-
-
0.2
V
VOHB
Boost predriver low level
voltage
Isource = 200 µA
4.8
-
-
V
TRB
Boost predriver rise time
Cl = 1 nF
50
-
180
ns
TFB
Boost predriver fall time
Cl = 1 nF
20
-
100
ns
L
Rs
Output inductance
-
15
22
30
75
µH
m
Ω
C
ESR
Output capacitance
-
100
10
300
900
200
µF
m
Ω
RSENSE
Sensing resistor
-
40
50
-
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com