Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER-S1 Datasheet(PDF) 2 Page - RF Micro Devices

Part # VIPER-S1
Description  VIPER Remote Control Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

VIPER-S1 Datasheet(HTML) 2 Page - RF Micro Devices

  VIPER-S1 Datasheet HTML 1Page - RF Micro Devices VIPER-S1 Datasheet HTML 2Page - RF Micro Devices VIPER-S1 Datasheet HTML 3Page - RF Micro Devices VIPER-S1 Datasheet HTML 4Page - RF Micro Devices VIPER-S1 Datasheet HTML 5Page - RF Micro Devices VIPER-S1 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VIPER Remote Control Systems
VIPER Remote Control Systems
VIPER Remote Control Systems
VIPER Remote Control Systems
DS VIPER-2
©2009 REG No 277 4001, Lewes, England. Page 2
Systems Part Numbers
Operating from 12-30Vdc
Systems Operating from 230Vac (see DS-VIPERMAINS)
**Range stated is optimum, direct line of sight. In worst conditions this can be reduced by over 50%
Part Number
Part Number
Part Number
Part Number
Description
Description
Description
Description
FIREFLY-TX1
Transmitter 1 switch
FIREFLY-TX2
Transmitter 2 switch
FIREFLY-TX4
Transmitter 4 switch
FIREFLY -TX-IPKIT
’O’ Ring, Seals Transmitter to IP68
FIREFLY-TX8
Transmitter 8 switch
FIREFLY-TX16
Transmitter 16 switch (8Sw + Shift Key)
Additional Transmitters
Transmitters ship with;
Transmitters ship with;
Transmitters ship with;
Transmitters ship with;
Wall Mounting Cradle,
and Lanyard
Part Number
Description
Receiver
Power Supply
Range**
(Metres)
VIPER-S1
System 1 channel
12-30Vdc
150
VIPER-S2
System 2 channel
12-30Vdc
150
VIPER-S4
System 4 channel
12-30Vdc
150
Part Number
Description
Receiver
Power Supply
Range**
(Metres)
VIPER-S1M
System 1 channel
230Vac
150
VIPER-S2M
System 2 channel
230Vac
150
Custom Version
To create a custom version requires just a Sticker!
Please contact Sales for further info.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com