Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER-S1 Datasheet(PDF) 1 Page - RF Micro Devices

Part # VIPER-S1
Description  VIPER Remote Control Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

VIPER-S1 Datasheet(HTML) 1 Page - RF Micro Devices

  VIPER-S1 Datasheet HTML 1Page - RF Micro Devices VIPER-S1 Datasheet HTML 2Page - RF Micro Devices VIPER-S1 Datasheet HTML 3Page - RF Micro Devices VIPER-S1 Datasheet HTML 4Page - RF Micro Devices VIPER-S1 Datasheet HTML 5Page - RF Micro Devices VIPER-S1 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VIPER Remote Control Systems
VIPER Remote Control Systems
VIPER Remote Control Systems
VIPER Remote Control Systems
DS VIPER-2
©2009 REG No 277 4001, Lewes, England. Page 1
Applications
Applications
Applications
Applications
• General Purpose Remote Switching
• Garage Doors
• Electric Gates, Shutters
• All known Lighting types (LED, fluorescent, halogen,
tungsten, xenon; basically all lighting types).
• Access Control
• 433MHz FM Technology
• 1 – 4 Channels each 1000W Rated
• upto 150metres Range
• 12-30Vdc / 230Vac supply
• Waterproof (IP68)
• High Security RF Protocol
• 4 Relays 5A @ 230Vac
• Outputs Momentary or Latching
• Any Switch Map to Any Relay
Output
• Systems supplied ’ready to Go’
• EMC / FCC Compliant for Europe /
USA
Description
Description
Description
Description
Housed in a rugged IP68 weatherproof enclosure, The VIPER system is ideally suited
to any outside Remote switch requirement.
Each receiver has 4 relays, using the ‘easy-learn’ process each relay can be controlled
from any switch on any transmitter.
Installation is by screw terminals to the power supply, and the output relay contacts.
The output relays are activated by the button press on the transmitter encoder.


Similar Part No. - VIPER-S1

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
VIPER-S1 RFSOLUTIONS-VIPER-S1 Datasheet
2Mb / 7P
VIPER Remote Control Systems
VIPER-S1M RFSOLUTIONS-VIPER-S1M Datasheet
2Mb / 7P
VIPER Remote Control Systems
More results

Similar Description - VIPER-S1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
IR-Receiver for Remote Control Systems
logo
Integral Corp.
ILMS5360 INTEGRAL-ILMS5360 Datasheet
283Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
ILMS5380 INTEGRAL-ILMS5380 Datasheet
286Kb / 4P
MICROCIRCUIT FOR REMOTE CONTROL SYSTEMS
logo
List of Unclassifed Man...
118C1AR5 ETC2-118C1AR5 Datasheet
53Kb / 3P
118 SERIES AM REMOTE CONTROL SYSTEMS.
logo
rfsolutions.ltd
119S1-433A RFSOLUTIONS-119S1-433A Datasheet
75Kb / 5P
KEELOQ REMOTE CONTROL SYSTEMS, 230Vac
FIREFLY-S1 RFSOLUTIONS-FIREFLY-S1 Datasheet
1Mb / 6P
RADIO REMOTE CONTROL SYSTEMS
ELITE-L RFSOLUTIONS-ELITE-L Datasheet
3Mb / 9P
Professional Remote Control Systems
ESPRIT RFSOLUTIONS-ESPRIT Datasheet
3Mb / 8P
Professional Remote Control Systems
TRAP RFSOLUTIONS-TRAP Datasheet
3Mb / 8P
TRAP Remote Control Systems
VIPER RFSOLUTIONS-VIPER Datasheet
2Mb / 7P
VIPER Remote Control Systems
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com