Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VIPER-S1 Datasheet(PDF) 5 Page - RF Micro Devices

Part # VIPER-S1
Description  VIPER Remote Control Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

VIPER-S1 Datasheet(HTML) 5 Page - RF Micro Devices

  VIPER-S1 Datasheet HTML 1Page - RF Micro Devices VIPER-S1 Datasheet HTML 2Page - RF Micro Devices VIPER-S1 Datasheet HTML 3Page - RF Micro Devices VIPER-S1 Datasheet HTML 4Page - RF Micro Devices VIPER-S1 Datasheet HTML 5Page - RF Micro Devices VIPER-S1 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VIPER Remote Control Systems
VIPER Remote Control Systems
VIPER Remote Control Systems
VIPER Remote Control Systems
DS VIPER-2
©2009 REG No 277 4001, Lewes, England. Page 5
VIPER
VIPER
VIPER
VIPER----S1M / VIPER S2M (230Vac Powered Receivers)
S1M / VIPER S2M (230Vac Powered Receivers)
S1M / VIPER S2M (230Vac Powered Receivers)
S1M / VIPER S2M (230Vac Powered Receivers)
Please Note:
Please Note:
Please Note:
Please Note: During Learn and Erase the relays operate at high speed. They should be isolated from sensi-
tive equipment during this process.
To Pair a Transmitter button to receiver Output Relay #1
To Pair a Transmitter button to receiver Output Relay #1
To Pair a Transmitter button to receiver Output Relay #1
To Pair a Transmitter button to receiver Output Relay #1
1.
Apply power the receiver and wait 10secs for the unit to enter ‘normal operation’ mode.
2.
Switch the receiver unit OFF and then ON again in ~1sec intervals FOUR
FOUR
FOUR
FOUR times finally leaving the unit
powered.
3.
After 5 seconds the receiver emits a single ‘buzz’ The unit is now in ‘learn’ Mode
5.
Press the chosen transmitter button.
6.
The receiver will acknowledge by sounding the a single ’buzz’
7.
Press the same transmitter button again, to confirm OK. The receiver will “buz” again to confirm.
8.
Learn Process complete. After 10 seconds the unit will return to ‘normal operation’ mode.
To Pair a Transmitter button to receiver Output Relay #2
To Pair a Transmitter button to receiver Output Relay #2
To Pair a Transmitter button to receiver Output Relay #2
To Pair a Transmitter button to receiver Output Relay #2
1.
Apply power the receiver and wait 10secs for the unit to enter ‘normal operation’ mode.
2.
Switch the receiver unit OFF and then ON again in ~1sec intervals SIX
SIX
SIX
SIX times finally leaving the unit
powered.
3.
After 5 seconds the receiver emits a double ‘buzz’ The unit is now in ‘learn’ Mode
5.
Press the chosen transmitter button.
6.
The receiver will acknowledge by sounding the a double ’buzz’
7.
Press the same transmitter button again, to confirm OK. The receiver will double “buzz” again to
confirm.
8.
Learn Process complete. After 10 seconds the unit will return to ‘normal operation’ mode.
Erasing Receivers Memory
Erasing Receivers Memory
Erasing Receivers Memory
Erasing Receivers Memory
1.
Power the receiver unit up and wait 10 seconds for the unit to enter ‘normal operation’ mode.
2.
Switch the unit off and then on again at ~1 second intervals TEN
TEN
TEN
TEN times, leaving the unit powered.
3.
Wait 5 seconds until a ‘clicking’ sound is heard for a period of 10 seconds.
4.
Wait 10 seconds for the receiver unit to return to ‘normal’ mode
5.
The unit has now erased all encoder data.
NOTE:
NOTE:
NOTE:
NOTE: You cannot erase individual Tx encoders
Configuring Receiver Outputs
Configuring Receiver Outputs
Configuring Receiver Outputs
Configuring Receiver Outputs
The jumper links configure the outputs to be Momentary or Latching.
The jumper links are made/removed by the small link ‘cap’ placed
over the pin header.
LK1
LK1
LK1
LK1
Relay #1
Relay #1
Relay #1
Relay #1
LK2
LK2
LK2
LK2
Relay #2
Relay #2
Relay #2
Relay #2
Open
Mom
Open
Mom
Closed
Latch
Closed
Latch
Link Positions
Link Positions
Link Positions
Link Positions ---- Relay Outputs
Relay Outputs
Relay Outputs
Relay Outputs
(the above image shows, RLY2 Momentary, RLY1 Latched)
(the above image shows, RLY2 Momentary, RLY1 Latched)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com