| Electronic Components Datasheet Search |
|
WM8731SEDS/V Datasheet(PDF) 36 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8731SEDS/V Datasheet(HTML) 36 Page - Wolfson Microelectronics plc |
|
36 / 65 page ![]() WM8731 / WM8731L Production Data w PD, Rev 4.9, October 2012 36 DIGITAL AUDIO INTERFACES WM8731/L may be operated in either one of the 4 offered audio interface modes. These are: Right justified Left justified I 2S DSP mode All four of these modes are MSB first and operate with data 16 to 32 bits. Note that 32 bit data is not supported in right justified mode. The digital audio interface takes the data from the internal ADC digital filter and places it on the ADCDAT output. ADCDAT is the formatted digital audio data stream output from the ADC digital filters with left and right channels multiplexed together. ADCLRC is an alignment clock that controls whether Left or Right channel data is present on the ADCDAT lines. ADCDAT and ADCLRC are synchronous with the BCLK signal with each data bit transition signified by a BCLK high to low transition. BCLK maybe an input or an output dependent on whether the device is in master or slave mode. Refer to the MASTER/SLAVE OPERATION section The digital audio interface also receives the digital audio data for the internal DAC digital filters on the DACDAT input. DACDAT is the formatted digital audio data stream output to the DAC digital filters with left and right channels multiplexed together. DACLRC is an alignment clock that controls whether Left or Right channel data is present on DACDAT. DACDAT and DACLRC are synchronous with the BCLK signal with each data bit transition signified by a BCLK high to low transition. DACDAT is always an input. BCLK and DACLRC are either outputs or inputs depending whether the device is in master or slave mode. Refer to the MASTER/SLAVE OPERATION section There are four digital audio interface formats accommodated by the WM8731/L. These are shown in the figures below. Refer to the Electrical Characteristic section for timing information. Left Justified mode is where the MSB is available on the first rising edge of BCLK following a ADCLR or DACLRC transition. LEFT CHANNEL RIGHT CHANNEL DACLRC/ ADCLRC BCLK DACDAT/ ADCDAT 1/fs n 3 2 1 n-2 n-1 LSB MSB n 3 2 1 n-2 n-1 LSB MSB Figure 26 Left Justified Mode I 2S mode is where the MSB is available on the 2nd rising edge of BCLK following a DACLRC or ADCLRC transition. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |