Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLCTR Datasheet(PDF) 32 Page - STMicroelectronics

Part # LSM330DLCTR
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLCTR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button LSM330DLCTR Datasheet HTML 28Page - STMicroelectronics LSM330DLCTR Datasheet HTML 29Page - STMicroelectronics LSM330DLCTR Datasheet HTML 30Page - STMicroelectronics LSM330DLCTR Datasheet HTML 31Page - STMicroelectronics LSM330DLCTR Datasheet HTML 32Page - STMicroelectronics LSM330DLCTR Datasheet HTML 33Page - STMicroelectronics LSM330DLCTR Datasheet HTML 34Page - STMicroelectronics LSM330DLCTR Datasheet HTML 35Page - STMicroelectronics LSM330DLCTR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
Digital interfaces
LSM330DLC
32/66
Doc ID 022162 Rev 2
6
Digital interfaces
The registers embedded in the LSM330DLC may be accessed through both the I2C and SPI
serial interfaces. The latter may be SW configured to operate either in 3-wire or 4-wire
interface mode.
To select/exploit the I2C interface, the CS line must be tied high (i.e. connected to Vdd_IO).
6.1
I2C serial interface
The LSM330DLC I2C is a bus slave. The I2C is employed to write the data to the registers,
whose content can also be read back.
The relevant I2C terminology is provided in the table below.
There are two signals associated with the I2C bus: the Serial Clock Line (SCL) and the
Serial DAta line (SDA). The latter is a bidirectional line used for sending and receiving the
data to/from the interface.
Table 10.
Serial interface pin description
Pin name
Pin description
CS_A
Linear acceleration SPI enable
Linear acceleration I2C/SPI mode selection (1: I2C mode; 0: SPI enabled)
CS_G
Angular rate SPI enable
Angular rate I2C/SPI mode selection (1: I2C mode; 0: SPI enabled)
SCL_A/G
I2C serial clock (SCL)
SPI serial port clock (SPC)
SDA_A/G
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
SDO_A
SDO_G
I2C least significant bit of the device address (SA0)
SPI serial data output (SDO)
Table 11.
Serial interface pin description
Term
Description
Transmitter
The device which sends data to the bus
Receiver
The device which receives data from the bus
Master
The device which initiates a transfer, generates clock signals and terminates a
transfer
Slave
The device addressed by the master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com