Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLCTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # LSM330DLCTR
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLCTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LSM330DLCTR Datasheet HTML 35Page - STMicroelectronics LSM330DLCTR Datasheet HTML 36Page - STMicroelectronics LSM330DLCTR Datasheet HTML 37Page - STMicroelectronics LSM330DLCTR Datasheet HTML 38Page - STMicroelectronics LSM330DLCTR Datasheet HTML 39Page - STMicroelectronics LSM330DLCTR Datasheet HTML 40Page - STMicroelectronics LSM330DLCTR Datasheet HTML 41Page - STMicroelectronics LSM330DLCTR Datasheet HTML 42Page - STMicroelectronics LSM330DLCTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
LSM330DLC
Register mapping
Doc ID 022162 Rev 2
39/66
7
Register mapping
The table below provides a listing of the 8-bit registers embedded in the device, and their
related addresses:
Table 18.
Register address map
Name
Slave
address
Type
Register address
Default
Comment
Hex
Binary
Reserved (do not modify)
Table 16
00 - 1F
Reserved
CTRL_REG1_A
Table 16
rw
20
010 0000
00000111
CTRL_REG2_A
Table 16
rw
21
010 0001
00000000
CTRL_REG3_A
Table 16
rw
22
010 0010
00000000
CTRL_REG4_A
Table 16
rw
23
010 0011
00000000
CTRL_REG5_A
Table 16
rw
24
010 0100
00000000
CTRL_REG6_A
Table 16
rw
25
010 0101
00000000
REFERENCE_A
Table 16
rw
26
010 0110
00000000
STATUS_REG_A
Table 16
r
27
010 0111
00000000
OUT_X_L_A
Table 16
r
28
010 1000
output
OUT_X_H_A
Table 16
r
29
010 1001
output
OUT_Y_L_A
Table 16
r
2A
010 1010
output
OUT_Y_H_A
Table 16
r
2B
010 1011
output
OUT_Z_L_A
Table 16
r
2C
010 1100
output
OUT_Z_H_A
Table 16
r
2D
010 1101
output
FIFO_CTRL_REG
Table 16
rw
2E
010 1110
00000000
FIFO_SRC_REG
Table 16
r
2F
010 1111
INT1_CFG_A
Table 16
rw
30
011 0000
00000000
INT1_SOURCE_A
Table 16
r
31
011 0001
00000000
INT1_THS_A
Table 16
rw
32
011 0010
00000000
INT1_DURATION_A
Table 16
rw
33
011 0011
00000000
INT2_CFG_A
Table 16
rw
34
011 0100
00000000
INT2_SOURCE_A
Table 16
r
35
011 0101
00000000
INT2_THS_A
Table 16
rw
36
011 0110
00000000
INT2_DURATION_A
Table 16
rw
37
011 0111
00000000
CLICK_CFG_A
Table 16
rw
38
011 1000
00000000
CLICK_SRC_A
Table 16
rw
39
011 1001
00000000
CLICK_THS_A
Table 16
rw
3A
011 1010
00000000
TIME_LIMIT_A
Table 16
rw
3B
011 1011
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com