Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM330DLCTR Datasheet(PDF) 40 Page - STMicroelectronics

Part # LSM330DLCTR
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLCTR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button LSM330DLCTR Datasheet HTML 36Page - STMicroelectronics LSM330DLCTR Datasheet HTML 37Page - STMicroelectronics LSM330DLCTR Datasheet HTML 38Page - STMicroelectronics LSM330DLCTR Datasheet HTML 39Page - STMicroelectronics LSM330DLCTR Datasheet HTML 40Page - STMicroelectronics LSM330DLCTR Datasheet HTML 41Page - STMicroelectronics LSM330DLCTR Datasheet HTML 42Page - STMicroelectronics LSM330DLCTR Datasheet HTML 43Page - STMicroelectronics LSM330DLCTR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Register mapping
LSM330DLC
40/66
Doc ID 022162 Rev 2
TIME_LATENCY_A
Table 16
rw
3C
011 1100
00000000
TIME_WINDOW_A
Table 16
rw
3D
011 1101
00000000
Act_THS
Table 16
rw
3E
011 1110
00000000
Act_DUR
Table 16
rw
3F
011 1111
00000000
Reserved
Table 17
-
00-1E
-
-
Reserved
WHO_AM_I_G
Table 17
rw
0F
0001111
11010100
Reserved
Table 17
rw
10-1F
-
-
CTRL_REG1_G
Table 17
rw
20
010 0000
00000111
CTRL_REG2_G
Table 17
rw
21
010 0001
00000000
CTRL_REG3_G
Table 17
rw
22
010 0010
00000000
CTRL_REG4_G
Table 17
rw
23
010 0011
00000000
CTRL_REG5_G
Table 17
r
24
010 0100
00000000
REFERENCE_G
Table 17
r
25
010 0101
00000000
OUT_TEMP_G
Table 17
r
26
010 0110
output
STATUS_REG_G
Table 17
r
27
010 0111
output
OUT_X_L_G
Table 17
r
28
010 1000
output
OUT_X_H_G
Table 17
r
29
010 1001
output
OUT_Y_L_G
Table 17
r
2A
010 1010
output
OUT_Y_H_G
Table 17
r
2B
010 1011
output
OUT_Z_L_G
Table 17
rw
2C
010 1100
output
OUT_Z_H_G
Table 17
r
2D
010 1101
output
FIFO_CTRL_REG_G
Table 17
rw
2E
010 1110
00000000
FIFO_SRC_REG_G
Table 17
r
2F
010 1111
output
INT1_CFG_G
Table 17
rw
30
011 0001
output
INT1_SRC_G
Table 17
rw
31
011 0001
output
INT1_TSH_XH_G
Table 17
rw
32
011 0010
00000000
INT1_TSH_XL_G
Table 17
rw
33
011 0011
00000000
INT1_TSH_YH_G
Table 17
rw
34
011 0100
00000000
INT1_TSH_YL_G
Table 17
rw
35
011 0101
00000000
INT1_TSH_ZH_G
Table 17
rw
36
011 0110
00000000
INT1_TSH_ZL_G
Table 17
rw
37
011 0111
00000000
INT1_DURATION_G
Table 17
rw
38
011 1000
00000000
Table 18.
Register address map (continued)
Name
Slave
address
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com