Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL7NM60N Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL7NM60N
Description  Low input capacitance and gate charge, Low gate input resistance
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7NM60N Datasheet(HTML) 5 Page - STMicroelectronics

  STL7NM60N Datasheet HTML 1Page - STMicroelectronics STL7NM60N Datasheet HTML 2Page - STMicroelectronics STL7NM60N Datasheet HTML 3Page - STMicroelectronics STL7NM60N Datasheet HTML 4Page - STMicroelectronics STL7NM60N Datasheet HTML 5Page - STMicroelectronics STL7NM60N Datasheet HTML 6Page - STMicroelectronics STL7NM60N Datasheet HTML 7Page - STMicroelectronics STL7NM60N Datasheet HTML 8Page - STMicroelectronics STL7NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STL7NM60N
Electrical characteristics
Doc ID 18348 Rev 2
5/13
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
Source-drain current
-
5.8
A
ISDM
(1)
,
(2)
1.
Pulse width limited by safe operating area.
2.
When mounted on FR-4 board of 1inch², 2 oz Cu.
Source-drain current (pulsed)
23
A
VSD
(3)
3.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD= 5 A, VGS=0
-
1.3
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD= 5 A,
di/dt = 100 A/µs,
VDD = 60 V
(see Figure 16)
-
213
1.5
14
ns
nC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD= 5 A,
di/dt = 100 A/µs,
VDD = 60 V, Tj= 150 °C
(see Figure 16)
-
265
1.8
14
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com