Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT45B Datasheet(PDF) 1 Page - EPCOS

Part # ACT45B
Description  ACT45B common-mode chokes for CAN bus systems, EIA 1812 51 ... 100 關H, 150 ... 200 mA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ACT45B Datasheet(HTML) 1 Page - EPCOS

  ACT45B Datasheet HTML 1Page - EPCOS ACT45B Datasheet HTML 2Page - EPCOS ACT45B Datasheet HTML 3Page - EPCOS ACT45B Datasheet HTML 4Page - EPCOS ACT45B Datasheet HTML 5Page - EPCOS ACT45B Datasheet HTML 6Page - EPCOS ACT45B Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
a~í~=pÜÉÉí
a~í~=pÜÉÉí
EPCOS AG 2012. Reproduction, publication and dissemination of this publication, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
Data and signal line chokes
ACT45B common-mode chokes for CAN bus systems, EIA 1812
51 ... 100 μH, 150 ... 200 mA
Series/Type:
ACT45B
Date:
August 2012


Similar Part No. - ACT45B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACT45B TDK-ACT45B Datasheet
32Kb / 1P
Common Mode Filters SMD
ACT45B TDK-ACT45B Datasheet
40Kb / 2P
Common Mode Filters(SMD) For CAN-BUS
ACT45B TDK-ACT45B Datasheet
133Kb / 11P
Common Mode Filters For automobile signal line ACT series
ACT45B TDK-ACT45B Datasheet
133Kb / 11P
Common Mode Filters For automobile signal line ACT series
ACT45B TDK-ACT45B Datasheet
107Kb / 7P
Common Mode Filters For automobile signal line
More results

Similar Description - ACT45B

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
Common-Mode Chokes
logo
TDK Electronics
ACT45B TDK-ACT45B_07 Datasheet
40Kb / 2P
Common Mode Filters(SMD) For CAN-BUS
logo
EPCOS
B82789C0 EPCOS-B82789C0 Datasheet
205Kb / 11P
SIMDAD 1812, common-mode chokes
logo
List of Unclassifed Man...
CC1812C513R-10 ETC2-CC1812C513R-10 Datasheet
663Kb / 2P
CAN-Bus Common Mode Chokes
logo
XFMRS Inc.
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
COMMON MODE CHOKES
logo
Pulse A Technitrol Comp...
W717 PULSE-W717 Datasheet
798Kb / 5P
EMI Suppression for CAN-Bus Networks 2-Line Common Mode Chokes
logo
TDK Electronics
B82789C0 TDK-B82789C0 Datasheet
236Kb / 10P
SIMDAD 1812, common-mode chokes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com