Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT45B Datasheet(PDF) 4 Page - EPCOS

Part # ACT45B
Description  ACT45B common-mode chokes for CAN bus systems, EIA 1812 51 ... 100 關H, 150 ... 200 mA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ACT45B Datasheet(HTML) 4 Page - EPCOS

  ACT45B Datasheet HTML 1Page - EPCOS ACT45B Datasheet HTML 2Page - EPCOS ACT45B Datasheet HTML 3Page - EPCOS ACT45B Datasheet HTML 4Page - EPCOS ACT45B Datasheet HTML 5Page - EPCOS ACT45B Datasheet HTML 6Page - EPCOS ACT45B Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
08/12
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
Rated voltage VR
50 V DC
Max. component temperature
+150 °C
Rated current IR
Referred to 50 Hz and +20 °C
Rated inductance LR
Measured with Agilent 4284A at 100 kHz, 100 mV, +20 °C
Inductance is specified in common-mode
Inductance tolerance
–30/+50% at +20 °C
Stray inductance Lstray,typ
Measured with Agilent 4284A at 100 kHz, 100 mV, +20 °C,
typical values
DC resistance Rmax
Measured at +20 C, specified per winding
Insulation resistance (min)
10 M , measured at 50 V DC
Rated impedance Zmin
Measured at +20 °C, 10 MHz, 100 mV in common-mode
Rated impedance Ztyp
Measured at +20 °C, 10 MHz, 100 mV in common-mode
Solderability
Dip and look method Sn95.5Ag3.8Cu0.7:
+(245 5) °C, (3 0.3) s
Wetting of soldering area
90%
(based on IEC 60068-2-58)
Resistance to soldering heat
+260 °C, 40 s as referenced in JEDEC J-STD 020D
Climatic category
40/150/56 (to IEC 60068-1)
Storage conditions (packaged)
–25 °C … +40 °C,
75% RH
Weight
Approx. 0.14 g
LR
μH
Lstray,typ
μH
IR
mA
Rmax
Zmin
Ztyp
Internal code
Ordering code
51
0.15
200
1.0
1000
2000
B82787C0513H002
ACT45B-510-2P-TL003
100
0.20
150
3.0
2000
5000
B82787C0104H002
ACT45B-101-2P-TL003
ACT45B
Data and signal line chokes
Common-mode chokes, EIA 1812



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com