Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT45B Datasheet(PDF) 2 Page - EPCOS

Part # ACT45B
Description  ACT45B common-mode chokes for CAN bus systems, EIA 1812 51 ... 100 關H, 150 ... 200 mA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ACT45B Datasheet(HTML) 2 Page - EPCOS

  ACT45B Datasheet HTML 1Page - EPCOS ACT45B Datasheet HTML 2Page - EPCOS ACT45B Datasheet HTML 3Page - EPCOS ACT45B Datasheet HTML 4Page - EPCOS ACT45B Datasheet HTML 5Page - EPCOS ACT45B Datasheet HTML 6Page - EPCOS ACT45B Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
08/12
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 50 V DC
Rated inductance 51 ... 100 μH
Rated current 150 ... 200 mA
Construction
Current-compensated double choke
Ferrite I core
Winding: enamel copper wire
Winding welded to terminals
Features
Operating temperature range: –40 ... +150 °C
Qualified to AEC-Q200
Suitable for lead-free reflow soldering as referenced in JEDEC J-STD 020D
RoHS-compatible
Function
Suppression of assymetrical interference coupled in on lines,
whereas data signals up to some MHz can pass unaffectedly.
Applications
Automotive CAN bus systems
Terminals
Tinned terminals:
Base material CuSn8
Dip-plating Sn
Lead-free tinned
Marking
Marking on component: L value ("G" = 51 μH, "H" = 100 μH), date of manufacture (YWWD),
two last digits of production order (underlined)
Delivery mode and packing unit
12-mm blister tape, wound on 330-mm
reel
Packing unit: 2500 pcs./reel
ACT45B
Data and signal line chokes
Common-mode chokes, EIA 1812



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com