Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70001ASEHFE Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL70001ASEHFE
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001ASEHFE Datasheet(HTML) 4 Page - Intersil Corporation

  ISL70001ASEHFE Datasheet HTML 1Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 2Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 3Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 4Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 5Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 6Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 7Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 8Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
ISL70001ASEH
4
FN8365.0
May 22, 2013
12
SS
This pin is the soft-start input. Connect a ceramic capacitor from this pin to DGND to set the soft-start output
ramp time in accordance with Equation 1:
where:
tSS = Soft-start output ramp time
CSS = Soft-start capacitor
VREF = Reference voltage (0.6V typical)
ISS = Soft-start charging current (23µA typical)
Soft-start time is adjustable from approximately 2ms to 200ms.
The range of the soft-start capacitor should be 82nF to 8.2µF, inclusive.
13, 14
DVDD
These pins are the bias supply inputs to the internal digital control circuitry. Connect these pins together at the
IC and locally filter them to DGND using a 1
Ω resistor and a 1µF ceramic capacitor. Locate both filter
components as close as possible to the IC.
15, 16
DGND
These pins are the digital ground associated with the internal digital control circuitry. Connect these pins
directly to the ground plane.
17, 18
AGND
These pins are the analog ground associated with the internal analog control circuitry. Connect these pins
directly to the ground plane.
19
AVDD
This pin is the bias supply input to the internal analog control circuitry. Locally filter this pin to AGND using a 1
Ω
resistor and a 1µF ceramic capacitor. Locate both filter components as close as possible to the IC.
20
REF
This pin is the internal reference voltage output. Bypass this pin to AGND with a 220nF ceramic capacitor
located as close as possible to the IC. The bypass capacitor is needed to mitigate SEE. No current (sourcing or
sinking) is available from this pin.
21
FB
This pin is the voltage feedback input to the internal error amplifier. Connect a resistor from FB to VOUT and
from FB to AGND to adjust the output voltage in accordance with Equation 2:
where:
VOUT = Output voltage
VREF = Reference voltage (0.6V typical)
RT = Top divider resistor (Must be 1kΩ)
RB = Bottom divider resistor
The top divider resistor must be 1k
Ω to mitigate SEE. Connect a 4.7nF ceramic capacitor across RT to mitigate SEE
and to improve stability margins.
22
EN
This pin is the enable input to the IC. This is a comparator type input with a rising threshold of 0.6V and
programmable hysteresis. Driving this pin above 0.6V enables the IC. Bypass this pin to AGND with a 10nF
ceramic capacitor to mitigate SEE.
23
PORSEL
This pin is the input for selecting the rising and falling POR (Power-On-Reset) thresholds. For a nominal 5V
supply, connect this pin to DVDD. For a nominal 3.3V supply, connect this pin to DGND. For nominal supply
voltages between 5V and 3.3V, connect this pin to DGND.
HEATSINK
The heatsink is electrically isolated and should be connected to a thermal chassis of any potential which offers
optimal thermal relief.
Pin Descriptions (Continued)
PIN NUMBER
PIN NAME
DESCRIPTION
tSS
CSS VREF
⋅
ISS
⁄
=
(EQ. 1)
VOUT
VREF 1RT RB
⁄
()
+
[]
⋅
=
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com