Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL70001ASEHFE Datasheet(PDF) 20 Page - Intersil Corporation

Part # ISL70001ASEHFE
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001ASEHFE Datasheet(HTML) 20 Page - Intersil Corporation

Back Button ISL70001ASEHFE Datasheet HTML 16Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 17Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 18Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 19Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 20Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 21Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 22Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 23Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 24Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
ISL70001ASEH
20
FN8365.0
May 22, 2013
Weight Characteristics
Weight of Packaged Device
1.602 Grams typical - R48.A Package
2.440 Grams typical - R48.B Package
Die Characteristics
Die Dimensions
5720µm x 5830µm (225.2 mils x 229.5 mils)
Thickness: 483µm ± 25.4µm (19.0 mils ± 1 mil)
Interface Materials
GLASSIVATION
Type: Silicon Oxide and Silicon Nitride
Thickness: 0.3µm ± 0.03µm to 1.2µm ± 0.12µm
TOP METALLIZATION
Type: AlCu (0.5%)
Thickness: 2.7µm ±0.4µm
SUBSTRATE
Type: Silicon
Isolation: Junction
BACKSIDE FINISH
Silicon
ASSEMBLY RELATED INFORMATION
Substrate Potential Package R48.A and R48.B
PGND
Metal Lid Potential
Electrically Isolated -Package R48.A
PGND - Package R48.B
ADDITIONAL INFORMATION
Worst Case Current Density
< 2 x 105 A/cm2
Transistor Count
25030
Layout Characteristics
Step and Repeat
5720µm x 5830µm
Connect PGND to PGNDx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com