Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56321VF200R2 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # DSP56321VF200R2
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VF200R2 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  DSP56321VF200R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
iii
Features
Table 1 lists the features of the DSP56321 device.
Table 1. DSP56321 Features
Feature
Description
High-Performance
DSP56300 Core
• 275 million multiply-accumulates per second (MMACS) (550 MMACS using the EFCOP in filtering
applications) with a 275 MHz clock at 1.6 V core and 3.3 V I/O
• Object code compatible with the DSP56000 core with highly parallel instruction set
• Data arithmetic logic unit (Data ALU) with fully pipelined 24
× 24-bit parallel Multiplier-Accumulator (MAC),
56-bit parallel barrel shifter (fast shift and normalization; bit stream generation and parsing), conditional
ALU instructions, and 24-bit or 16-bit arithmetic support under software control
• Program control unit (PCU) with position independent code (PIC) support, addressing modes optimized for
DSP applications (including immediate offsets), internal instruction cache controller, internal memory-
expandable hardware stack, nested hardware DO loops, and fast auto-return interrupts
• Direct memory access (DMA) with six DMA channels supporting internal and external accesses; one-, two-
, and three-dimensional transfers (including circular buffering); end-of-block-transfer interrupts; and
triggering from interrupt lines and all peripherals
• Phase-lock loop (PLL) allows change of low-power divide factor (DF) without loss of lock and output clock
with skew elimination
• Hardware debugging support including on-chip emulation (OnCE) module, Joint Test Action Group (JTAG)
test access port (TAP)
Enhanced Filter
Coprocessor (EFCOP)
• Internal 24
× 24-bit filtering and echo-cancellation coprocessor that runs in parallel to the DSP core
• Operation at the same frequency as the core (up to 275 MHz)
• Support for a variety of filter modes, some of which are optimized for cellular base station applications:
• Real finite impulse response (FIR) with real taps
• Complex FIR with complex taps
• Complex FIR generating pure real or pure imaginary outputs alternately
• A 4-bit decimation factor in FIR filters, thus providing a decimation ratio up to 16
• Direct form 1 (DFI) Infinite Impulse Response (IIR) filter
• Direct form 2 (DFII) IIR filter
• Four scaling factors (1, 4, 8, 16) for IIR output
• Adaptive FIR filter with true least mean square (LMS) coefficient updates
• Adaptive FIR filter with delayed LMS coefficient updates
Internal Peripherals
• Enhanced 8-bit parallel host interface (HI08) supports a variety of buses (for example, ISA) and provides
glueless connection to a number of industry-standard microcomputers, microprocessors, and DSPs
• Two enhanced synchronous serial interfaces (ESSI), each with one receiver and three transmitters (allows
six-channel home theater)
• Serial communications interface (SCI) with baud rate generator
• Triple timer module
• Up to 34 programmable general-purpose input/output (GPIO) pins, depending on which peripherals are
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com