Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56321VF200R2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # DSP56321VF200R2
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VF200R2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button DSP56321VF200R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
DSP56321 Technical Data, Rev. 11
Freescale Semiconductor
1-1
Signals/Connections
1
The DSP56321 input and output signals are organized into functional groups as shown in Table 1-1. Figure 1-1
diagrams the DSP56321 signals by functional group. The remainder of this chapter describes the signal pins in
each functional group.
Note:
This chapter refers to a number of configuration registers used to select individual multiplexed signal
functionality. See the DSP56321 Reference Manual for details on these configuration registers.
Table 1-1.
DSP56321 Functional Signal Groupings
Functional Group
Number of
Signals
Power (VCC)
20
Ground (GND)
66
Clock
2
Address bus
Port A1
18
Data bus
24
Bus control
10
Interrupt and mode control
6
Host interface (HI08)
Port B
2
16
Enhanced synchronous serial interface (ESSI)
Ports C and D3
12
Serial communication interface (SCI)
Port E
4
3
Timer
3
OnCE/JTAG Port
6
Notes:
1.
Port A signals define the external memory interface port, including the external address bus, data bus, and control signals.
2.
Port B signals are the HI08 port signals multiplexed with the GPIO signals.
3.
Port C and D signals are the two ESSI port signals multiplexed with the GPIO signals.
4.
Port E signals are the SCI port signals multiplexed with the GPIO signals.
5.
Eight signal lines are not connected internally. These are designated as no connect (NC) in the package description (see
Chapter 3). There are also two reserved lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com