Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56321VF200R2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # DSP56321VF200R2
Description  24-Bit Digital Signal Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56321VF200R2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button DSP56321VF200R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56321VF200R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
DSP56321 Technical Data, Rev. 11
1-2
Freescale Semiconductor
Signals/Connections
Figure 1-1.
Signals Identified by Functional Group
Notes:
1.
The HI08 port supports a non-multiplexed or a multiplexed bus, single or double data strobe (DS), and single or
double host request (HR) configurations. Since each of these modes is configured independently, any combination of
these modes is possible. These HI08 signals can also be configured alternatively as GPIO signals (PB[0–15]).
Signals with dual designations (for example, HAS/HAS) have configurable polarity.
2.
The ESSI0, ESSI1, and SCI signals are multiplexed with the Port C GPIO signals (PC[0–5]), Port D GPIO signals
(PD[0–5]), and Port E GPIO signals (PE[0–2]), respectively.
3.
TIO[0–2] can be configured as GPIO signals.
DSP56321
24
18
External
Address Bus
External
Data Bus
External
Bus
Control
Enhanced
Synchronous Serial
Interface Port 0
(ESSI0)2
Timers3
OnCE/
JTAG Port
Power Inputs:
Core Logic
I/O
Address Bus
Data Bus
Bus Control
HI08
ESSI/SCI/Timer
A[0–17]
D[0–23]
AA[0–3]
RD
WR
TA
BR
BG
BB
TCK
TDI
TDO
TMS
TRST
DE
VCCQL
VCCQH
VCCA
VCCD
VCCC
VCCH
VCCS
5
Serial
Communications
Interface (SCI) Port2
4
2
2
Grounds:
Ground plane
GND
66
Interrupt/
Mode Control
MODA
MODB
MODC
MODD
RESET
PINIT
Host
Interface
(HI08) Port1
Non-Multiplexed
Bus
H[0–7]
HA0
HA1
HA2
HCS/HCS
Single DS
HRW
HDS/HDS
Single HR
HREQ/HREQ
HACK/HACK
RXD
TXD
SCLK
SC0[0–2]
SCK0
SRD0
STD0
TIO0
TIO1
TIO2
8
3
3
EXTAL
XTAL
Clock
Enhanced
Synchronous Serial
Interface Port 1
(ESSI1)
2
SC1[0–2]
SCK1
SRD1
STD1
3
Multiplexed
Bus
HAD[0–7]
HAS/HAS
HA8
HA9
HA10
Double DS
HRD/HRD
HWR/HWR
Double HR
HTRQ/HTRQ
HRRQ/HRRQ
Port B
GPIO
PB[0–7]
PB8
PB9
PB10
PB13
PB11
PB12
PB14
PB15
Port E GPIO
PE0
PE1
PE2
Port C GPIO
PC[0–2]
PC3
PC4
PC5
Port D GPIO
PD[0–2]
PD3
PD4
PD5
Timer GPIO
TIO0
TIO1
TIO2
Port A
4
IRQA
IRQB
IRQC
IRQD
3
RESET
During Reset
After Reset
NMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com