Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19035 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP19035 Datasheet HTML 25Page - Microchip Technology MCP19035 Datasheet HTML 26Page - Microchip Technology MCP19035 Datasheet HTML 27Page - Microchip Technology MCP19035 Datasheet HTML 28Page - Microchip Technology MCP19035 Datasheet HTML 29Page - Microchip Technology MCP19035 Datasheet HTML 30Page - Microchip Technology MCP19035 Datasheet HTML 31Page - Microchip Technology MCP19035 Datasheet HTML 32Page - Microchip Technology MCP19035 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
 2012 Microchip Technology Inc.
DS22326A-page 29
MCP19035
For the low-side MOSFET, losses are mainly
conduction losses. As a rule of thumb, the conduction
losses are considered to be 85% of the total losses. For
this design, the maximum power losses (estimated at
12V input voltage and 10A output current) for low-side
should be lower than 0.9W. Estimate the maximum
RDS(On) for the low-side MOSFET using Equation 6-5:
EQUATION 6-5:
MAXIMUM RD(ON) OF
LOW-SIDE MOSFET
In this design, IRMS Low-Side = 9.3A at 12V input
voltage, 10A output current and the maximum RDS(On)
for low-side MOSFET = 7.8 m
.
For this design, the Microchip's MCP87050 and
MCP87022 high-performance MOSFETs can be used.
Calculate the total losses introduced by these transis-
tors using the provided equations. For the high-side
MOSFET (MCP87050), the total loss is 0.66W. The
low-side MOSFET (MCP87022) will dissipate a 0.3W
loss.
6.0.5
BOOTSTRAP CAPACITOR
SELECTION
From Equation 5-19, the value of the Bootstrap
Capacitor should be higher than 276 nF. Choose the
standard value 330 nF ceramic capacitor (X7R) rated
at 16 VDC.
6.0.6
DEAD TIME (DT) SELECTION
The MOSFET used in this design has a low Figure of
Merit parameter. The overall efficiency of the converter
can be improved by choosing the MCP19035 with
optimized Dead Time.
6.0.7
OVERCURRENT PROTECTION
THRESHOLDS
The MCP19035 controller provides two fixed threshold
for high and low-side overcurrent protection circuits.
These thresholds are 480 mV (typical) for high-side
and 180 mV (typical) for the low-side. The peak current
for the high-side is:
EQUATION 6-6:
MAXIMUM PEAK
CURRENT FOR A
HIGH-SIDE MOSFET
For this design, the maximum peak current that flows
into the high-side MOSFET is 87A.
The peak current for the low-side MOSFET is:
EQUATION 6-7:
MAXIMUM PEAK
CURRENT FOR A
LOW-SIDE MOSFET
For this design, the maximum peak current that flows
into the low-side MOSFET is 81A.
6.0.8
FEEDBACK LOOP COMPENSATION
For this design, the crossover frequency is 30 kHz,
while the resonant frequency of LC tank is 5.88 kHz.
With these parameters, and following the design
procedure
described
in
Section 5.2,
Design
Procedure
, the value for compensation network
components can be calculated.
The components used for the compensation network
must be of good quality and tolerance. The
recommended dielectric for capacitors is C0G and the
tolerance 5%. The recommended tolerance for
resistors is 1%.
6.0.9
LAYOUT RECOMMENDATIONS
Good printed circuit board layout techniques are
important to any switching circuitry, and switching
power supplies are no different. Here are the guidelines
for the PCB layout:
• The exposed pad of MCP19035 DFN case is the
only connection to the internal device ground.
Connect this pad directly to the board ground
plane.
• Place at least four vias in the exposed pad land to
help remove heat from the device.
• Use separate grounds for power and signal paths.
Keep high current paths away from sensitive
components and nodes (ex. feedback and
compensation network components).
• Four layer PCBs are highly recommended to
obtain optimum results regarding noise/EMI. Use
an internal layer as ground plane.
• For double layer boards, a single ground plane
R
DS on

P
LOSS Low
Side
–
I
RMS Low
Side
–
2
----------------------------------------0.85
=
I
MAX
HS
0.48
R
DS on
HS
-------------------------
=
TABLE 6-4:
COMPENSATION NETWORK
COMPONENTS
Component
Value
Standard Value
R1
20 k
20 k
R2
10 k
10 k
R3
0.774 k
0.75 k
R4
8.6 k
8.2 k
C1
1.37 nF
1.2 nF
C2
6.36 nF
6.8 nF
C3
61 pF
68 pF
I
MAX
LS
0.18
R
DS on
LS
------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com