Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19035 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP19035 Datasheet HTML 15Page - Microchip Technology MCP19035 Datasheet HTML 16Page - Microchip Technology MCP19035 Datasheet HTML 17Page - Microchip Technology MCP19035 Datasheet HTML 18Page - Microchip Technology MCP19035 Datasheet HTML 19Page - Microchip Technology MCP19035 Datasheet HTML 20Page - Microchip Technology MCP19035 Datasheet HTML 21Page - Microchip Technology MCP19035 Datasheet HTML 22Page - Microchip Technology MCP19035 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
 2012 Microchip Technology Inc.
DS22326A-page 19
MCP19035
5.0
APPLICATION INFORMATION
5.1
Typical Applications
The MCP19035 synchronous buck controller operates
over an input voltage range, up to a maximum of 30V.
The output current capability depends only on the
external MOSFET’s selection and can also be very
high, typically up to 20A.
Typical applications include POL modules for powering
DSPs, FPGAs and ASICs, and, in general, any step-
down voltage conversion (from maximum 30V input
voltage) for medium-to-high output current loads.
5.2
Design Procedure
To simplify this design process, an Excel®-based
design tool is available to support typical applications.
This tool is available on the MCP19035 product web
site. Refer to AN1452 – “Using the MCP19035
Synchronous Buck Converter Design Tool”
for further
details.
5.2.1
SWITCHING FREQUENCY AND THE
MAXIMUM CONVERSION RATIO
The MCP19035 controller provides a 300 kHz, fixed
switching frequency. This switching frequency offers a
good compromise between higher efficiency and the
size of the power train components.
Due to the minimum "On Time" for the high-side
MOSFET driver (170 ns typical), the maximum
conversion ratio must be limited to 15:1.
5.2.2
DEAD TIME SELECTION
Dead Time will affect the maximum obtainable
efficiency of the converter. Selecting the Dead Time
depends on the external MOSFETs’ parameters. Lower
Figure of Merit (FOM) transistors will permit the use of
shorter Dead Times. This may increase the converter
efficiency by up to 2%.
Low Figure of Merit transistors allow the user to select
a low value for Dead Time (typical 12 ns) without
causing a shoot-through phenomenon. For low-FOM
transistors, the MCP19035 version with fixed 12 ns
Dead Time is recommended.
For typical medium Figure of Merit transistors, the
MCP19035 version with the adaptive Dead-Time
generator is recommended.
5.2.3
INDUCTOR SELECTION
The output inductor is responsible for smoothing the
square wave created by the switching action and for
controlling the output current ripple (∆IOUT). There is a
trade off between efficiency and load transient
response time when the value of the inductor is
chosen. The smaller the inductance, the quicker the
converter can respond to transients in the load current.
However, a smaller inductor requires a higher switching
frequency to maintain the same level of output current
ripple. Remember that increasing the switching
frequency will also increase the switching losses in the
MOSFETs.
A good compromise for the inductor current ripple is
30% of the output current. The value of the inductor is
calculated in Equation 5-1:
EQUATION 5-1:
INDUCTOR VALUE
The peak current in the inductor is determined in
Equation 5-2:
EQUATION 5-2:
INDUCTOR PEAK
CURRENT
EQUATION 5-3:
INDUCTOR RMS
CURRENT
Additional care must be taken when selecting an induc-
tor:
• Choose an inductor that has a saturation current
larger than the calculated peak current. The
tolerance of the inductor must also be considered
(typically 20%).
• To minimize the conduction losses, choose an
inductor with the lowest possible DC resistance.
The maximum DC resistance specified in the data
sheet will ensure the worst-case component spec-
ification.
• There are many magnetic materials available for
inductor core: ferrite, iron powder and composite
materials. The ferrite offers the lowest core
losses, but the saturation characteristic is “hard”
(i.e. the inductance drops rapidly after the current
reaches the saturation level). The losses of iron
powder or composite material cores are higher
than ferrite, but the saturation characteristic is
“soft”, making it more suitable for voltage mode
control converter, including the MCP19035.
LV
IN
MAX
V
OUT
–


V
OUT
V
IN
MAX
-----------------------
1
f
SW
----------
1
0.3
I
OUT
MAX
------------------------------------------
=
I
L
PEAK
I
OUT
MAX
0.3
I
OUT
MAX
2
------------------------------------------
+
=
I
L
RM S
I
2
OUT
I
Ripple
2
3
--------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com