Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP19035 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP19035
Description  High-Speed Synchronous Buck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19035 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP19035 Datasheet HTML 16Page - Microchip Technology MCP19035 Datasheet HTML 17Page - Microchip Technology MCP19035 Datasheet HTML 18Page - Microchip Technology MCP19035 Datasheet HTML 19Page - Microchip Technology MCP19035 Datasheet HTML 20Page - Microchip Technology MCP19035 Datasheet HTML 21Page - Microchip Technology MCP19035 Datasheet HTML 22Page - Microchip Technology MCP19035 Datasheet HTML 23Page - Microchip Technology MCP19035 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
MCP19035
DS22326A-page 20
 2012 Microchip Technology Inc.
5.2.4
INPUT CAPACITOR SELECTION
The input capacitor is responsible for providing a low
impedance voltage source for the step-down converter.
This capacitor must be able to sustain high ripple
current, a consequence of the discontinuous input
current of the buck converter. A low equivalent series
resistance capacitor (ESR), preferably ceramic, is
recommended.
For
wide
temperature
range
applications,
a
multi-layer
X7R
dielectric
is
recommended, while for applications with limited
temperature range, a multi-layer X5R dielectric is
acceptable. A higher ESR will produce a higher voltage
ripple and higher power losses. The capacitor voltage
rating must be higher than the maximum operating
input voltage of the converter.
The
minimum
capacitance
is
determined
in
Equation 5-4:
EQUATION 5-4:
MINIMUM CAPACITANCE
FOR INPUT CAPACITOR
The maximum ripple current in the input capacitor
occurs when the duty cycle is 50%. This must be
considered worst case for calculating the input
capacitor.
The RMS current in the input capacitor is estimated
with Equation 5-5:
EQUATION 5-5:
RMS CURRENT IN THE
INPUT CAPACITOR
The input capacitor must be rated to sustain this RMS
current without considerable losses.
5.2.5
OUTPUT CAPACITOR SELECTION
The output capacitor is responsible for smoothing the
output voltage. It also plays an important role in the
stability of the control system. The voltage ripple across
the output capacitor is the sum of ripple voltages due to
the Equivalent Series Resistance (ESR) and the
voltage sag due to the load current that must be
supplied by the capacitor as the inductor is discharged.
A low ESR capacitor, preferably ceramic, is
recommended.
For
wide
temperature
range
applications,
a
multi-layer
X7R
dielectric
is
recommended, while for applications with limited
temperature range, a multi-layer X5R dielectric is
acceptable.
The output voltage ripple is estimated in Equation 5-6:
EQUATION 5-6:
OUTPUT VOLTAGE
RIPPLE
Minimum capacitance value is calculated according to
the demand of the load transient response. During a
transient load current, the excessive energy stored by
the inductor must be absorbed by the output capacitor
until the control loop sets the proper duty cycle.
Equation 5-7 calculates the minimum value for the
output capacitor value:
EQUATION 5-7:
OUTPUT CAPACITOR
MINIMUM VALUE
For applications that require low output voltage
overshoot during a step load, the value of the output
capacitor can become very large. In this case, it is
recommended to mix ceramic capacitors with
aluminum or polymer electrolytic capacitors to reach
the recommended value.
C
IN_MIN
I
OUT
D1
D
–

f
SW
V
Ripple
DI
OUT
ESR
–

-----------------------------------------------------------------------------------
=
Where:
CIN_MIN = Minimum Capacitance of the Input
Capacitor (in Farad)
IOUT = Output Current (A)
D = Duty Cycle (for worst case this is 0.5)
fSW = Switching Frequency (Hz)
VRipple = Input Voltage Ripple (usually between
0.1V and 0.5V)
ESR = Equivalent Series Resistance of the
Capacitor (in Ohm)
I
RMS C
IN

I
OUT
I
Ripple
12
----------------
+


D
V
OUT
I
OUT
V
IN
--------------------------------


–
=
V
Ripple
I
Ripple
ESR
1
8C
OUT
f
SW
--------------------------------------
+


=
Where:
IRipple = Inductor Current Ripple (A)
VRipple = Output Voltage Ripple (V)
COUT = Output Capacitor (F)
ESR = Equivalent Series Resistance of the
Output Capacitor (Ohm)
C
OUT
LI
OH
2
I
OL
2
–
V
f
2
V
OUT
2
–
------------------------------------
=
Where:
IOH = Final Value of the Output Current
IOL = Initial Value of the Output Current
VOUT = Initial Output Voltage
Vf = Final Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com