Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4159CCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADF4159CCPZ
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159CCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADF4159CCPZ Datasheet HTML 25Page - Analog Devices ADF4159CCPZ Datasheet HTML 26Page - Analog Devices ADF4159CCPZ Datasheet HTML 27Page - Analog Devices ADF4159CCPZ Datasheet HTML 28Page - Analog Devices ADF4159CCPZ Datasheet HTML 29Page - Analog Devices ADF4159CCPZ Datasheet HTML 30Page - Analog Devices ADF4159CCPZ Datasheet HTML 31Page - Analog Devices ADF4159CCPZ Datasheet HTML 32Page - Analog Devices ADF4159CCPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
ADF4159
Rev. B | Page 29 of 36
Delay Between Ramps
The ADF4159 can be configured to add a delay between bursts in
ramps. Figure 42, Figure 43, and Figure 44 show a delay between
ramps in sawtooth, triangular, and clipped triangular mode,
respectively.
DELAY
TIME
Figure 42. Delay Between Ramps for Sawtooth Mode
TIME
Figure 43. Delay Between Ramps for Triangular Mode
TIME
DELAY
Figure 44. Delay Between Ramps for Clipped Triangular Mode
Example
For example, to add a delay between bursts in a ramp, follow
these steps:
1.
Enable the delay between ramps option by setting Bit DB17
in Register R7 to 1.
2.
Delay the ramp by 5 μs by setting Bit DB16 in Register R7
to 0 and setting the 12-bit delay start word (Bits DB[14:3] in
Register R7) to 125 (fPFD = 25 MHz). The delay is calculated
as follows:
Delay = tPFD × Delay Start Word
Delay = 40 ns × 125 = 5 μs
If a longer delay is needed, for example, 125 μs, set Bit DB16 in
Register R7 to 1, and set the 12-bit delay start word (Bits DB[14:3]
in Register R7) to 125. The delay is calculated as follows:
Delay = tPFD × CLK1 × Delay Start Word
Delay = 40 ns × 25 × 125 = 125 μs
It is also possible to activate fast lock operation for the first
period of delay by setting Bit DB18 in Register R7 to 1. This
feature is useful for sawtooth ramps to mitigate the frequency
overshoot on the transition from one sawtooth to the next.
To activate the ramp, see the Activating the Ramp section.
Dual Ramp Rates Mode with Delay
This mode combines the modes described in the Dual Ramps
with Different Ramp Rates section and the Delay Between
Ramps section (see Figure 45).
TIME
Figure 45. Dual Ramp Rates Mode with Delay
To enable this configuration,
1.
Program the two ramp rates mode as described in the
Dual Ramps with Different Ramp Rates section.
2.
Program the delay as described in the Delay Between
Ramps section.
Parabolic (Nonlinear) Ramp Mode
The ADF4159 is capable of generating a parabolic ramp (see
Figure 46).
TIME
Figure 46. Parabolic Ramp
The output frequency is generated according to the following
equation:
fOUT(n + 1) = fOUT(n) + n × fDEV
(14)
where:
fOUT is the output frequency.
n is the step number.
fDEV is the frequency deviation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com