Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP90100MHE/NOPB Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 41 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 37Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 38Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 39Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 40Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 41Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 42Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 43Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 44Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
1/ODR
1/ODR
Sampling CH0
Sampling CH1
SDO
LSB
Reading
ADC_DOUT of CH0
Reading
SPI_CRC_DAT
LSB
MSB
MSB
LSB
Reading
ADC_DOUT of CH1
Reading
SPI_CRC_DAT
LSB
MSB
MSB
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
Table 7. Data First Mode Transactions
Bit[7]
Bits[6:5]
Bit[4]
Bits[3:0]
Data Bytes
Enable Data First
1
11
1
1010
None
Mode Instruction
Disable Data First
1
11
1
1011
None
Mode Instruction
Read Mode Status
1
00
1
1111
One
Transaction
Note that while being in the data first mode, once the data bytes in the data only read transaction are sent out,
the device is ready to start on any normal (non-data-only) transaction including the Disable Data First Mode
Instruction. The current status of the data first mode (enabled/disabled status) can be read back using the Read
Mode Status Transaction. This transaction consists of the Read Mode Status Instruction followed by a single
data byte (driven by the device). The data first mode status is available on bit [1] of this data byte.
The data only read transaction allows reading up to eight consecutive registers, starting from any start address.
Usually, the start address will be the address of the most significant byte of conversion data, but it could just as
well be any other address. The start address and number of bytes to be read during the data only read
transaction can be programmed using the DATA_ONLY_1 AND DATA_ONLY_2 registers respectively.
The upper register address is unaffected by a data only read transaction. That is, it retains its setting even after
encountering a data only transaction. The data only transaction uses its own address (including the upper
address) from the DATA_ONLY_1 register. When in the data first mode, the SCLK must stop high before
entering the Data Only Read Transaction; this transaction should be completed before the next scheduled
DRDYB deassertion.
Cyclic Redundancy Check (CRC)
CRC can be used to ensure integrity of data read from LMP90xxx. To enable CRC, set EN_CRC high. Once
CRC is enabled, the CRC value is calculated and stored in SPI_CRC_DAT so that the master device can
periodically read for data comparison. Conveniently, the SPI_CRC_DAT register address is located next to the
ADC_DOUT register address so that the CRC value can be easily read as part of the data set. The CRC is
automatically reset when CSB or DRDYB is deasserted.
The CRC polynomial is x8 + x5 + x4 + 1. The reset value of the SPI_CRC_DAT register is zero, and the final
value is ones-complemented before it is sent out. Note that CRC computation only includes the bits sent out on
SDO and does not include the bits of the SPI_CRC_DAT itself; thus it is okay to read SPI_CRC_DAT repeatedly.
The drdyb signal normally deasserts (active high) every 1/ODR second or when the LSB of ADC_DOUTL is read.
However, this behavior can be changed so that drdyb deassertion can occur after SPI_CRC_DAT is read, but not
later than normal DRDYB deassertion which occurs at every 1/ODR seconds. This is done by setting bit
DRDYB_AFT_CRC high.
The timing protocol for CRC can be found in Figure 60.
Figure 60. Timing Protocol for Reading SPI_CRC_DAT
If SPI_CRC_DAT read extends beyond the normal DRDYB deassertion at every 1/ODR seconds, then
CRC_RST has to be set in the SPI Data Ready Bar Control Register. This is done to avoid a CRC reset at the
DRDYB deassertion.Timing protocol for reading CRC with CRC_RST set is shown in Figure 61.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com