Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP90100MHE/NOPB Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 44 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 40Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 41Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 42Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 43Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 44Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 45Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 46Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 47Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
ADC_DOUT
¨
©
§
=
¸
¹
·
(
)
23
2
x
±
GAIN
(VINP - VINN) x
VREFP - VREFN
LMP90100
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
www.ti.com
APPLICATIONS INFORMATION
QUICK START
This section shows step-by-step instructions to configure the LMP90xxx to perform a simple DC reading from
CH0.
1. Apply VA = VIO = VREFP1 = 5V, and ground VREFN1
2. Apply VINP = ¾VREF and VINN = ¼VREF for CH0. Thus, set CH0 = VIN = VINP - VINN = ½VREF
(CH0_INPUTCN register)
3. Set gain = 1 (CH0_CONFIG: GAIN_SEL = 0x0)
4. Exclude the buffer from the signal path (CH0_CONFIG: BUF_EN = 1)
5. Set the background to BgcalMode2 (BGCALCN = 0x2)
6. Select VREF1 (CH0_INPUTCN: VREF_SEL = 0)
7. To use the internal CLK, set CLK_EXT_DET = 1 and CLK_SEL = 0.
8. Follow the register read/write protocol (Figure 51) to capture ADC_DOUT from CH0.
CONNECTING THE SUPPLIES
VA and VIO
Any ADC architecture is sensitive to spikes on the analog voltage, VA, digital input/output voltage, VIO, and
ground pins. These spikes may originate from switching power supplies, digital logic, high power devices, and
other sources. To diminish these spikes, the LMP90xxx’s VA and VIO pins should be clean and well bypassed. A
0.1 µF ceramic bypass capacitor and a 1 µF tantalum capacitor should be used to bypass the LMP90xxx
supplies, with the 0.1 µF capacitor placed as close to the LMP90xxx as possible.
Since the LMP90xxx has both external VA and VIO pins, the user has two options on how to connect these pins.
The first option is to tie VA and VIO together and power them with the same power supply. This is the most cost
effective way of powering the LMP90xxx but is also the least ideal because noise from VIO can couple into VA
and negatively affect performance. The second option involves powering VA and VIO with separate power
supplies. These supply voltages can have the same amplitude or they can be different.
VREF
Operation with VREF below VA is also possible with slightly diminished performance. As VREF is reduced, the
range of acceptable analog input voltages is also reduced. Reducing the value of VREF also reduces the size of
the LSB. When the LSB size goes below the noise floor of the LMP90xxx, the noise will span an increasing
number of codes and performance will degrade. For optimal performance, VREF should be the same as VA and
sourced with a clean source that is bypassed with a ceramic capacitor value of 0.1 µF and a tantalum capacitor
of 10 µF.
LMP90xxx also allows ratiometric connection for noise immunity reasons. A ratiometric connection is when the
ADC’s VREFP and VREFN are used to excite the input device’s (i.e. a bridge sensor) voltage references. This
type of connection severely attenuates any VREF ripple seen the ADC output, and is thus strongly
recommended.
ADC_DOUT CALCULATION
The output code of the LMP90xxx can be calculated as:
Equation 1 — Output Code
(15)
ADC_DOUT is in 24
−bit two's complement binary format. The largest positive value is 0x7F_FFFF while the
largest negative value is 0x80_0000. In case of an over range the value is automatically clamped to one of these
two values.
Figure 63 shows the theoretical output code, ADC_DOUT, vs. analog input voltage, VIN, using the equation
above.
44
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com