Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP90100MHE/NOPB Datasheet(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 46 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 42Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 43Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 44Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 45Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 46Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 47Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 48Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 49Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
7
[3:0]
[15:0]
1
0x1
[6:5]
4
0
0x4
2 Data Bytes will be read from ADDR 0x24 and ADDR 0x25.
After this process, deassert CSB
.
Instruction Byte 2 (INST2)
Data Bytes
[7:0]
[7:3]
[2:0]
0x0
0x2
Instruction Byte 1 (INST1)
Upper Address Byte (UAB)
0x10
Transaction 2 ± Data Access
Transaction 1 ± URA Setup ± necessary only when the previous URA is different than the desired URA.
R/WB = Read/Write Address
0x10: Write Address
0x90: Read Address
R/WB = Read/Write Data
0: Write Data
1: Read Data
SZ = Size
0x0: 1 byte
0x1: 2 bytes
0x2: 3 bytes
0x3: Streaming ± 3+ bytes until CSB is de-asserted
R/WB = Read/Write Data
0: Write Data
1: Read Data
7
[3:0]
[7:0]
0
0x00
SZ = Size
0x0: 1 byte
0x1: 2 bytes
0x2: 3 bytes
0x3: Streaming ± 3+ bytes until CSB is de-asserted
[6:5]
4
0
0x2
One Data Byte will be written to ADDR 0x12. After this process, deassert CSB.
Instruction Byte 2 (INST2)
Data Byte (s)
Transaction 2 ± Data Access
LMP90100
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
www.ti.com
Figure 65. Register-Write Example 2
Reading from Register Example
The following example shows how to read two bytes. The first byte will be read from starting ADDR 0x24, and
the second byte will be read from ADDR 0x25.
Figure 66. Register-Read Example
46
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com