Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3101 Datasheet(PDF) 17 Page - Power Analog Micoelectronics

Part # PAM3101
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101 Datasheet(HTML) 17 Page - Power Analog Micoelectronics

Back Button PAM3101_13 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 15Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 16Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 17Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 18Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 19Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 20Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 21Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Ordering Information(continued)
17
Power Analog Microelectronics, Inc
www.poweranalog.com
Pa r t Nu m be r
O u tpu t Volta ge
M a r k in g
Pa c k ag e Typ e
S h ip p ing P ac ka g e
PA M 3 10 1 HC A2 5 0
2.5 V
P3 1 0 1G
XX XYW
S O T 89 -3
1 ,0 0 0 Un its /Ta pe & Re el
PA M 3 10 1 HC A1 8 0
1.8 V
P 3 1 01 E
XX XYW
S O T 89 -3
1 ,0 0 0 Un its /Ta pe & Re el
PA M 3 10 1 HC A1 5 0
1.5 V
P3 1 0 1 C
XX XYW
S O T 89 -3
1 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1D AB 47 5
4.7 5 V
AAT YW
S O T 23 -5
3 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1D AB 40 0
4.0 V
AA MYW
S O T 23 -5
3 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1D AB 38 0
3.8 V
AA O YW
S O T 23 -5
3 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1D AB 33 0
3.3 V
AA KYW
S O T 23 -5
3 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1D AB 31 0
3.1 V
AA PYW
S O T 23 -5
3 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1D AB 30 0
3.0 V
AA JYW
S O T 23 -5
3 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1D AB 29 0
2.9 V
AA Q YW
S O T 23 -5
3 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1D AB 28 5
2.8 5 V
AAIYW
S O T 23 -5
3 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1D AB 28 0
2.8 V
A AHYW
S O T 23 -5
3 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1D AB 25 0
2.5 V
AA G YW
S O T 23 -5
3 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1D AB 18 0
1.8 V
AA EYW
S O T 23 -5
3 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1D AB 15 0
1.5 V
A ACYW
S O T 23 -5
3 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1E CB 47 5
4.7 5 V
P3 1 0 1 T
XX XYW
S O T 89 -5
1 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1E CB 40 0
4.0 V
P 31 0 1 M
XX XYW
S O T 89 -5
1 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1E CB 38 0
3.8 V
P3 1 0 1O
XX XYW
S O T 89 -5
1 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1E CB 33 0
3.3 V
P 3 1 01 K
XX XYW
S O T 89 -5
1 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1E CB 31 0
3.1 V
P 3 1 01 P
XX XYW
S O T 89 -5
1 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1E CB 30 0
3.0 V
P3 1 0 1J
XX XYW
S O T 89 -5
1 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1E CB 29 0
2.9 V
P3 1 0 1Q
XX XYW
S O T 89 -5
1 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1E CB 28 5
2.8 5 V
P 31 0 1 I
XX XYW
S O T 89 -5
1 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1E CB 28 0
2.8 V
P3 1 0 1 H
XX XYW
S O T 89 -5
1 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1E CB 25 0
2.5 V
P3 1 0 1G
XX XYW
S O T 89 -5
1 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1E CB 18 0
1.8 V
P 3 1 01 E
XX XYW
S O T 89 -5
1 ,0 0 0 Un its /Ta pe & Re el
PAM 3 1 0 1E CB 15 0
1.5 V
P3 1 0 1 C
XX XYW
S O T 89 -5
1 ,0 0 0 Un its /Ta pe & Re el
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator
11/2010 Rev 2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com