Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3101 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM3101
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM3101_13 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
General Description
The PAM3101 series of positive voltage linear
n
Low Dropout Voltage: 180mV@300mA
regulators feature low quiescent current (65μA
(V =3.3V)
O
Typ.) and low dropout voltage, making them ideal
n
Output Voltage Accuracy within ±2%
for battery powered applications. Their high
n
Supply voltage range: 2.5V to 5.5V
PSRR make them useful in applications where
n
Quiescent Current: 65μA Typ.
AC noise on the input power supply must be
n
High PSRR: 70dB@1kHz
suppressed. Space-saving SOT-23, SOT-89,
n
Excellent Line and Load Regulation
S C 7 0 a n d D F N 1 . 6 x 1 . 6 - 6 L p a c k a g e s a r e
n
Fast Discharge
attractive for portable and handheld applications.
n
Current Limiting
They have both thermal shutdown and current
n
Short Circuit Protection
limit features to prevent device failure from
n
Low Temperature Coefficient
extreme operating conditions. They are stable
n
Shutdown Current: 0.5μA
with an output capacitor of 2.2μF or greater.
n
Thermal Shutdown
n
Space Saving Packages: SOT-23 , SOT-89,
SC70 and DFN1.6x1.6
n
Pb-Free Package
Applications
n
Cellular Phones
n
Bluetooth Earphones
n
Digital Cameras
n
Portable Electronics
n
WLANs
n
MP3 Players
Block Diagram
Typical Application
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator
1
www.poweranalog.com
OUT
2.2μF
IN
C
O
C
IN
1μF
VIN
VOUT
PAM3101
GND
OUT
2.2μF
IN
C
O
C
IN
1μF
C
BYP
10nF
VIN
VOUT
PAM3101
EN
GND
BYP
VIN
VOUT
GND
EN
BYP
Bandgap
OverCurrent
Shutdown
Amp
Thermal
Protection
11/2010 Rev 2.5
Power Analog Microelectronics, Inc


Similar Part No. - PAM3101_13

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA250 PAM-PAM3101AAA250 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA280 PAM-PAM3101AAA280 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA285 PAM-PAM3101AAA285 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
More results

Similar Description - PAM3101_13

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2130 FOSLINK-FSP2130 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2132 FOSLINK-FSP2132 Datasheet
719Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2133 FOSLINK-FSP2133 Datasheet
427Kb / 8P
300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com