Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3101 Datasheet(PDF) 14 Page - Power Analog Micoelectronics

Part # PAM3101
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101 Datasheet(HTML) 14 Page - Power Analog Micoelectronics

Back Button PAM3101_13 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 15Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 16Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 17Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 18Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Ordering Information
PAM3101 X X X xxx
Output Voltage
Number of Pins
Package Type
Pin Configuration
14
Power Analog Microelectronics, Inc
www.poweranalog.com
Pin Configuration
Package Type
Number of Pins
Output Voltage
A Type
1. GND
2. VOUT
3. VIN
B Type
1. VIN
2. GND
3.EN
(EN
default floating)
4. NC
5. VOUT
C Type
1. VOUT
2. GND
3. VIN
D Type
1. VIN
2. GND
3.EN
(EN
default
pull
high)
4. BYP
5. VOUT
E Type
1. VOUT
2. GND
3. NC
4.EN(EN
default
pull high)
5. VIN
F Type
1.EN(EN
default pull high)
2. NC
3. VIN
4. VOUT
5. NC
6. GND
G Type
1. VIN
2. VOUT
3. GND
H Type
1. GND
2. VIN
3. VOUT
A: SOT-23
C: SOT-89
U: SC70
K: DFN1.6X1.6
A: 3
K: 4
B: 5
F:6
475: 4.75V
400: 4.0V
380: 3.8V
330: 3.3V
310: 3.1V
300: 3.0V
290: 2.9V
285: 2.85V
280: 2.8V
250: 2.5V
200: 2.0V
180: 1.8V
150: 1.5V
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator
11/2010 Rev 2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com