Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3116 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM3116
Description  1.5A Low Dropout Voltage CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3116 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM3116 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PAM3116
5
www.poweranalog.com
,
Power Analog Microelectronics Inc
Typical Performance Characteristics
T =25°C,C =2.2 F,Co=4.7 F,unless otherwise noted.
A
IN
μ
μ
1.5A Low Dropout Voltage CMOS Regulator
1. Output Voltage vs Output Current
2. Output Voltage vs Output Current
3. Output Voltage vs Output Current
4. Output Voltage vs Output Current
6. Dropout Voltage vs Output Current
5. Quiescent Current vs Input Voltage
10/2011 Rev1.0
1.18
1. 185
1.19
1. 195
1. 2
1. 205
1.21
1. 215
1.22
0
500
1000
1500
Out put Current (mA)
Vin=2.5V
Vin=3.6V
Vin=5V
Vout=1.2V
Vout=1.8V
1. 7 6
1. 7 7
1. 7 8
1. 7 9
1 . 8
1. 8 1
1. 8 2
0
5 0 0
1 0 0 0
1 50 0
O u tp u t Cu rre n t(mA )
Vin=3.6V
Vin=4.2V
Vin=5V
Vout=3.3V
3.272
3.277
3.282
3.287
3.292
3.297
3.302
0
500
1000
1500
Output Current(m A)
Vin=3.6V
Vin=4.2V
Vin=5V
Vout=5V
5 . 02
5 . 03
5 . 04
5 . 05
5 . 06
5 . 07
5 . 08
5 . 09
5 .1
5 . 11
0
5 0 0
10 0 0
1 50 0
Ou tp u t C u rre n t(mA )
V in = 5 .5 V
V in = 6 V
0
2 00
4 00
6 00
8 00
1 0 00
1 2 00
1 4 00
0
0 .5
1
1 .5
O ut pu t Curre nt (A)
V o=1.2V
V o=1.8V
V o=3.3V
V o=5V
100
101
102
103
104
105
106
107
108
2.5
3.5
4.5
5.5
Input Voltage(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com