Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3116 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM3116
Description  1.5A Low Dropout Voltage CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3116 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM3116 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 11Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PAM3116
7
www.poweranalog.com
,
Power Analog Microelectronics Inc
Typical Performance Characteristics
T =25°C,C =4.7 F,Co=4.7 F,unless otherwise noted.
A
IN
μ
μ
1.5A Low Dropout Voltage CMOS Regulator
13. Load Transient
14. Load Transient
15. PSRR
16. PSRR
18. PSRR
17. PSRR
10/2011 Rev1.0
Vo=3.3V, V =5V, Io=0A to1.5A
IN
Vo=5V, V =5.5V, Io=0A to1.5A
IN
Vo
AC
Coupling
Io
DC
Coupling
Vo
AC
Coupling
Io
DC
Coupling
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
10
100k
20
50
100
200
500
1k
2k
5k
10k 20k
50k
Hz
T
T T T
T
T
Vo=1.2V, V =3V,Vpp=200mV
IN
Io=100mA
Io=10mA
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
10
100k
20
50
100
200
500
1k
2k
5k
10k
20k
50k
Hz
T
Vo=1.8V, V =3V,Vpp=200mV
IN
Io=100mA
Io=10mA
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
10
100k
20
50
100
200
500
1k
2k
5k
10k 20k
50k
Hz
TTT T
TT
T T
Vo=3.3V, V =4V,Vpp=200mV
IN
Io=100mA
Io=10mA
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
10
100k
20
50
100
200
500
1k
2k
5k
10k
20k
50k
Hz
Vo=5V, V =5.5V,Vpp=200mV
IN
Io=100mA
Io=10mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com