Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM3116 Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM3116
Description  1.5A Low Dropout Voltage CMOS Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3116 Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM3116 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3116 Datasheet HTML 11Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PAM3116
9
www.poweranalog.com
,
Power Analog Microelectronics Inc
Setting the Output Voltage
Table 1:
The internal reference is 0.8V (Typical). The
output voltage is calculated as below:
The output voltage is given by Table 1.
Resistor selection for output voltage
setting
Application Information
1.5A Low Dropout Voltage CMOS Regulator
10/2011 Rev1.0
O
R1
V =0.5×1+
R2
0.8
Vo
R1
R2
1.2V
56k
110k
1.5V
130k
150k
1.8V
150k
120k
2.5V
215k
100k
3.3V
374k
120k
5V
620k
120k



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com