Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8006 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM8006
Description  10W Stereo Class-D Audio Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8006 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM8006 Datasheet HTML 1Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 2Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 3Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 4Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 5Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 6Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Recommended Operating Conditions
Thermal Information
5
,
Power Analog Microelectronics Inc
PAM8006
10W Stereo Class-D Audio Power Amplifier
Param eter
Package
Symbol
Maximum
Unit
QFN 5mm* 5mm
θ
J C
7.6
Thermal Resistance
(J unction to Case)
TSSOP-28PP
θJC
14.4
QFN 5mm* 5mm
θJA
18.1
Thermal Resistance
(Junction to Ambient)
TSSOP-28PP
θJA
27.8
°C/W
QFN 5mm* 5mm
PD
5.52
Internal Power Dissipation
(TA=25°C)
TSSOP-28PP
PD
3.60
W
www.poweranalog.com
Supply Voltage V
.............................-0.3V to 20V
Input Pin Voltage Range V :
MUTE.................................................0V to 6.0V
....................................................-0.3V to V
RINN,RINP,LINN,LINP......................-0.3V to 6.0V
CC
CC
I
SD
Junction Temperature Range,T ......-40°C to 150
Storage Temperature.....................-65
to150
Lead Temperature1,6mm(1/16 inch) from case for
5 seconds.................................................260
J
°C
°C
°C
°C
Supply Voltage (V )...........................7.5V to 18V
Maximum Volume Control Pins, Input Pins
Voltage................................................0V to 5.0V
High Level Input Voltage:
.................2.0V to V
MUTE
...2.0V to 5V
Low Level Input Voltage:
CC
CC
SD
, ........
...................0 to 0.3V
°C
°C
Junction Temperature Range,T ......-40°C to 125°C
SD
J
MUTE...............0 to 0.3V
Ambient Operating Temperature......-20
to 85
The Exposed PAD must be soldered to a thermal land on the PCB.
03/2011 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com