Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8006 Datasheet(PDF) 12 Page - Power Analog Micoelectronics

Part # PAM8006
Description  10W Stereo Class-D Audio Power Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8006 Datasheet(HTML) 12 Page - Power Analog Micoelectronics

Back Button PAM8006 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 14Page - Power Analog Micoelectronics PAM8006 Datasheet HTML 15Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
,
Power Analog Microelectronics Inc
PAM8006
10W Stereo Class-D Audio Power Amplifier
www.poweranalog.com
Internal Regulated 5-V Supply (AVDD)
The AVDD terminal is the output of an internally-
generated 5V supply, used for the oscillator,
preamplifier. It requires a 0.1µF to 1µF capacitor,
placed very close to the pin to Ground to keep the
regulator stable. The regulator may not be used to
power any external circuitry.
Differential Input
Using low-ESR Capacitors
Short-circuit Protection
Thermal Protection
The differential input stage of the amplifier
eliminates noises that appear on the two input
lines of the channel. To use the PAM8006 with a
differential source, connect the positive lead of
the audio source to the INP input and the negative
lead from the audio source to the INN input. To
use the PAM8006 with a single-ended source, ac-
ground the INP input through a capacitor equal in
value to the input capacitor on INN and apply the
audio source to the INN input. In a single-ended
input application, the INP input should be ac-
grounded at the audio source other than at the
device input for best noise performance.
L o w - E S R
c a p a c i t o r s
a r e
r e c o m m e n d e d
throughout this application section. A real (with
respect to ideal) capacitor can be modeled simply
as a resistor in series with an ideal capacitor. The
voltage drop across this resistor minimizes the
beneficial effects of the capacitor in the circuit.
The lower the equivalent value of this resistance
the more the real capacitor behaves as an ideal
capacitor.
The PAM8006 has short circuit protection circuitry
on the outputs to prevent damage to the device
when output-to-output shorts, output-to-GND
shorts, or output-to-VCC shorts occur. Once a
short-circuit is detected on the outputs, the output
drive is immediately disabled. This is a latched
fault and must be reset by cycling the voltage on
the
pin to a logic low and back to the logic high
state for normal operation. This will clear the
short-circuit flag and allow for normal operation if
the short was removed. If the short was not
removed, the protection circuitry will again
activate.
Thermal protection on the PAM8006 prevents
damage to the device when the internal die
temperature exceeds 150°C. There is a ±15
degree tolerance on this trip point from device to
device. Once the die temperature exceeds the set
thermal point, the device enters into the shutdown
state and the outputs are disabled. This is not a
latched fault. The thermal fault is cleared once the
temperature of the die is reduced by 40°C. The
device begins normal operation at this point
without external system intervention.
SD
Selection of COSC and Frequency Setting
Selection of Gain and Input Signal Amplitude
The switching frequency is determined by the
values of components connected to COSC and
calculated as follows:
f
= 22 / (Cosc*R)
R is the internal resistor and the vaule is 400k
and with
20
tolerance.The frequency may
varies from 200kHz to 300kHz by adjusting the
values of C
. The recommended value is C
=
220pF for a switching frequency of 250kHz.
The PAM8006 has two internal amplifier stages
with fixed gain. The pre-amp stage gain is 10X,
while the second stage gain is 5X.
The pre-amp is powered internally by the 5V value
of AVDD. At maximum pre-amp gain operation for
avoiding the pre-amp saturation, it's worth noting
that the peak value of input signal (Vp) shouldn't
exceed 250mV when the THD+N of PAM8006 is
lower than 1%; and the Vp value shouldn't exceed
300mV when the THD+N is lower than 10%.
Total gain is calculated as follows:
Gain=20log[100k/(10k+R
OSC
OSC
OSC
Ω
±
%
IN
IN
)*5]
(R
is external input resistor.)
03/2011 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com